Electronic Components Datasheet Search
  English  ▼

X  

Z89302 Datasheet(PDF) 6 Page - Zilog, Inc.

Part # Z89302
Description  Digital Television Controller
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z89302 Datasheet(HTML) 6 Page - Zilog, Inc.

  Z89302 Datasheet HTML 1Page - Zilog, Inc. Z89302 Datasheet HTML 2Page - Zilog, Inc. Z89302 Datasheet HTML 3Page - Zilog, Inc. Z89302 Datasheet HTML 4Page - Zilog, Inc. Z89302 Datasheet HTML 5Page - Zilog, Inc. Z89302 Datasheet HTML 6Page - Zilog, Inc. Z89302 Datasheet HTML 7Page - Zilog, Inc. Z89302 Datasheet HTML 8Page - Zilog, Inc.  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
Z89302/04/06
Digital Television Controller
P R E L I M I N A R Y
6
V1,V2,V3 ANALOG OUTPUT
Condition
4.75 V
5.25 V
11
3.6 – 4.4
4.0 – 5.0
V
II
10
79% of V
II ± 5%
01
50% of V
II ± 5%
00
0.0 – 0.8V
Notes:
Maximum Variance Between V1, V2, V3 is 100 mV
Settling Time 70% of DC Level, 10pF Load <50n Sec
Figure 3. 32K Oscillator Recommended Circuit
Figure 4. Low Pass Filter
XTAL1
XTAL2
47
pF
68
pF
32K Oscillator Recomended Circuit
27 K
32.768K
10 MO
hm
Z893XX
510
W
10
mF
0.1
mF



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com