Electronic Components Datasheet Search
  English  ▼

X  

Z89302 Datasheet(PDF) 4 Page - Zilog, Inc.

Part # Z89302
Description  Digital Television Controller
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z89302 Datasheet(HTML) 4 Page - Zilog, Inc.

  Z89302 Datasheet HTML 1Page - Zilog, Inc. Z89302 Datasheet HTML 2Page - Zilog, Inc. Z89302 Datasheet HTML 3Page - Zilog, Inc. Z89302 Datasheet HTML 4Page - Zilog, Inc. Z89302 Datasheet HTML 5Page - Zilog, Inc. Z89302 Datasheet HTML 6Page - Zilog, Inc. Z89302 Datasheet HTML 7Page - Zilog, Inc. Z89302 Datasheet HTML 8Page - Zilog, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Z89302/04/06
Digital Television Controller
P R E L I M I N A R Y
4
PIN DESCRIPTIONS
Z89302/03/06/07
Pin Name
Function
40-Pin, Z89302/04/06
Direction
Reset
Configuration
V
CC
+5V
29,–
PWR–
GND
0V
31,–
PWR–
IRIN
Infrared Remote Capture Input
2
I
I
ADC[5:0]
4-Bit Analog to Digital
Converter Input
–,9,8,4,27,34
nAI
I
PWM9
14-Bit Pulse Width Modulator
Output
1
OD/O
a
O
PWM[8:1]
8-Bit Pulse Width Modulator
Output
–,–,40,39,38
OD/O
a
O
Port0[F:0]
Bit Programmable Input/Output
Ports
–,–,–,–,–,–,13,12,11,10,9,8,7,6,5,4
B
I
Port1[9:0]
Bit Programmable Input/Output
Ports
–,3,27,20,19,18,17,16,15,14
B
I
SCL
b
I
2C Clock I/O
5 or 15
BOD
SCD
c
I
2C Data I/O
6 or 16
BOD
XTAL1
Crystal Oscillator Input
30
AI
I
XTAL2
Crystam Oscillator Output
32
AO
O
LPF
Loop Filter
33
AB
O
HSYNC
H_Sync
21
B
I
VSYNC
V_Sync
22
B
I
/RESET
Device Reset
28
I
I
V[3:1]
OSD Video Output (Typically
Drive B, G, and R Outputs)
23,24,25
O
O
Blank
OSD Blank Output
26
O
O
Half Blank
d
OSD Half Blank Output
–
O
I
RGB Digital
Outputs
e
R[1:0],G[1:0], and B[1:0]
Outputs of the RGB Matrix
19,18,17,14,12,3
O
SCLK
f
Internal Processor SCLK
O
Notes:
a) Port19 is not available on the 40-pin DIP Version, Revision D is Push-Pull.
b) SCL I/O pin is shared with Port01 or Port11
c) SCD I/O pin is shared with Port02 or Port12
d) Half Blank output is a function shared with Port0F. Half Blank output is not available on the 40-pin DIP version.
e) Digital RGB outputs and the internal SCLK are shared with Port1[5:0].
f) Internal processor SCLK is shared with Port16.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com