Electronic Components Datasheet Search
  English  ▼

X  

Z89302 Datasheet(PDF) 5 Page - Zilog, Inc.

Part # Z89302
Description  Digital Television Controller
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z89302 Datasheet(HTML) 5 Page - Zilog, Inc.

  Z89302 Datasheet HTML 1Page - Zilog, Inc. Z89302 Datasheet HTML 2Page - Zilog, Inc. Z89302 Datasheet HTML 3Page - Zilog, Inc. Z89302 Datasheet HTML 4Page - Zilog, Inc. Z89302 Datasheet HTML 5Page - Zilog, Inc. Z89302 Datasheet HTML 6Page - Zilog, Inc. Z89302 Datasheet HTML 7Page - Zilog, Inc. Z89302 Datasheet HTML 8Page - Zilog, Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
Z89302/04/06
P R E L I M I N A R Y
Digital Television Controller
5
1
ABSOLUTE MAXIMUM RATINGS
DC CHARACTERISTICS
T
A = 0°C to + 70°C; VCC = 4.5 V to + 5.5 V; FOSC = 32.768 kHz
Symbol
Parameter
Min
Max
Units
Conditions
V
CC
Power Supply Voltage
0
7
V
V
ID
Input Voltage
–0.3
V
CC +0.3
V
Digital Inputs
V
IA
Input Voltage
–0.3
V
CC +0.3
V
Analog Inputs (A/D0-A/D4)
V
O
Output Voltage
–0.3
V
CC +0.3
V
All Push-Pull Digital Output
V
O
Output Voltage
–0.3
V
CC +0.3
V
Open-Drain/Push-Pull PWM
Outputs (PWM1-PWM8)
I
OH
Output Current High
–10
mA
One Pin
I
OH
Output Current High
–100
mA
All Pins
I
OL
Output Current Low
20
mA
One Pin
I
OL
Output Current Low
200
mA
All Pins
T
A
Operating Temperature
0
70
°C
T
A
Storage Temperature
–65
150
°C
Note: Revision D and later have push-pull PWM outputs.
Symbol
Parameter
Min
Max
Typical
Units
Conditions
V
IL
Input Voltage Low
0
0.2 V
CC
0.4
V
V
IH
Input Voltage High
0.6 V
CC
V
CC
3.6
V
V
PU
Max. Pull-Up Voltage
5
V
All Pins
V
OL
Output Voltage Low
0.4
0.16
V
@ I
OL = 1 mA
V
OL
Output Voltage High
V
CC–0.9
4.75
V
@ I
OL = 0.75 mA
V
XL
Input Voltage XTAL1 Low
0.3 V
CC
1.0
V
External Clock
V
XH
Input Voltage XTAL1 High
V
CC–2.0
3.5
V
Generator Driven
V
HY
Schmitt Hysteresis
3.0
0.75
0.5
V
On XTAL1 Input Pin
I
IR
Reset Input Current
150
90
mAV
RL = 0V
I
IL
Input Leakage
–3.0
3.0
0.01
mA
@ 0 V and V
CC
I
CC
Supply Current
100
60
mA
I
CC1E
Supply Current of the OTP
700
300
mA
Sleep Mode @ 32 kHz
I
CC1
Supply Current
300
100
mA
Sleep Mode @ 32 kHz
I
CC2
Supply Current
10
5
mA
Sleep Mode
I
ADC
Input Current
0.5
mA
C Revision
I
ADC
Input Current
10
mA
D Revision



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com