Electronic Components Datasheet Search
  English  ▼

X  

LM833P Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # LM833P
Description  Dual High-Speed Audio Operational Amplifier
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM833P Datasheet(HTML) 7 Page - Texas Instruments

Back Button LM833P Datasheet HTML 3Page - Texas Instruments LM833P Datasheet HTML 4Page - Texas Instruments LM833P Datasheet HTML 5Page - Texas Instruments LM833P Datasheet HTML 6Page - Texas Instruments LM833P Datasheet HTML 7Page - Texas Instruments LM833P Datasheet HTML 8Page - Texas Instruments LM833P Datasheet HTML 9Page - Texas Instruments LM833P Datasheet HTML 10Page - Texas Instruments LM833P Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 33 page
background image
0
1
2
3
4
5
6
7
8
9
10
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
RL – Load Resistance – k@
T = –55°C
A
T = 25°C
A
T = 125°C
A
kW
-10
-9
-8
-7
-6
-5
-4
-3
-2
-1
0
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
RL – Load Resistance – kh
T = –55°C
A
T = 25°C
A
T = 125°C
A
kW
-1.4
-1.2
-1
-0.8
-0.6
-0.4
-0.2
0
-55
-25
5
35
65
95
125
TA – Temperature – °C
VCC+ = 3 V to 15 V
VCC– = -3 V to -15 V
VIO = 5 mV
VO = 0 V
D
0
0.2
0.4
0.6
0.8
1
1.2
1.4
-55
-25
5
35
65
95
125
TA – Temperature – °C
VCC+ = 3 V to 15 V
VCC– = -3 V to -15 V
è
VIO = 5 mV
VO = 0 V
D
-2
-1.5
-1
-0.5
0
0.5
1
1.5
2
-55
-35
-15
5
25
45
65
85
105 125
TA – Temperature – °C
VCC+ = 15 V
VCC– = –15 V
VCM = 0 V
0
100
200
300
400
500
600
700
800
900
1000
-55 -35
-15
5
25
45
65
85
105 125
TA – Temperature – °C
VCC+ = 15 V
VCC– = –15 V
VCM = 0 V
LM833
www.ti.com
SLOS481B – JULY 2010 – REVISED OCTOBER 2014
Typical Characteristics (continued)
Figure 4. Input Bias Current vs Temperature
Figure 5. Input Offset Voltage vs Temperature
Figure 6. Input Common-Mode Voltage Low Proximity
Figure 7. Input Common-Mode Voltage High Proximity
to VCC– vs Temperature
to VCC+ vs Temperature
Figure 8. Output Saturation Voltage Proximity to VCC+
Figure 9. Output Saturation Voltage Proximity to VCC–
vs Load Resistance
vs Load Resistance
Copyright © 2010–2014, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: LM833



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com