Electronic Components Datasheet Search
  English  ▼

X  

LM833P Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # LM833P
Description  Dual High-Speed Audio Operational Amplifier
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM833P Datasheet(HTML) 8 Page - Texas Instruments

Back Button LM833P Datasheet HTML 4Page - Texas Instruments LM833P Datasheet HTML 5Page - Texas Instruments LM833P Datasheet HTML 6Page - Texas Instruments LM833P Datasheet HTML 7Page - Texas Instruments LM833P Datasheet HTML 8Page - Texas Instruments LM833P Datasheet HTML 9Page - Texas Instruments LM833P Datasheet HTML 10Page - Texas Instruments LM833P Datasheet HTML 11Page - Texas Instruments LM833P Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 33 page
background image
0
5
10
15
20
25
30
-55
-35
-15
5
25
45
65
85
105
125
TA – Temperature – °C
0
5
10
15
20
25
30
5
6
7
8
9 10 11 12 13 14 15 16 17 18
VCC+/–VCC– – Supply Voltage – V
0
10
20
30
40
50
60
70
80
90
100
1.0E+02 1.0E+03 1.0E+04 1.0E+05 1.0E+06 1.0E+07
f – Frequency – Hz
100
1k
10k
100k
1M
10M
V
= 15 V
V
= –15 V
V
= 0 V
V
= 1.5 V
T = 25°C
CC+
CC–
CM
CM
A
D
±
0
10
20
30
40
50
60
70
80
90
100
110
120
1.0E+02 1.0E+03 1.0E+04 1.0E+05 1.0E+06 1.0E+07
f – Frequency – Hz
100
1k
10k
100k
1M
10M
V
= 15 V
V
= –15 V
T = 25°C
CC+
CC–
A
T3P
T3N
10
20
30
40
50
60
70
-55
-35
-15
5
25
45
65
85
105
125
TA – Temperature – °C
VCC+ = 15 V
VCC– = –15 V
VID = 1 V
Sink
Source
0
1
2
3
4
5
6
7
8
9
10
-55
-35
-15
5
25
45
65
85
105 125
TA – Temperature – °C
VCM = 0 V
RL = High Impedance
VO = 0 V
V
= 15 V
CC±
±
V
= 10 V
CC±
±
V
= 5 V
CC±
±
LM833
SLOS481B – JULY 2010 – REVISED OCTOBER 2014
www.ti.com
Typical Characteristics (continued)
Figure 10. Output Short-Circuit Current vs Temperature
Figure 11. Supply Current vs Temperature
Figure 12. CMRR vs Frequency
Figure 13. PSSR vs Frequency
Figure 14. Gain Bandwidth Product vs Supply Voltage
Figure 15. Gain Bandwidth Product vs Temperature
8
Submit Documentation Feedback
Copyright © 2010–2014, Texas Instruments Incorporated
Product Folder Links: LM833



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com