Electronic Components Datasheet Search
  English  ▼

X  

LM833P Datasheet(PDF) 17 Page - Texas Instruments

Click here to check the latest version.
Part # LM833P
Description  Dual High-Speed Audio Operational Amplifier
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM833P Datasheet(HTML) 17 Page - Texas Instruments

Back Button LM833P Datasheet HTML 13Page - Texas Instruments LM833P Datasheet HTML 14Page - Texas Instruments LM833P Datasheet HTML 15Page - Texas Instruments LM833P Datasheet HTML 16Page - Texas Instruments LM833P Datasheet HTML 17Page - Texas Instruments LM833P Datasheet HTML 18Page - Texas Instruments LM833P Datasheet HTML 19Page - Texas Instruments LM833P Datasheet HTML 20Page - Texas Instruments LM833P Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 33 page
background image
5
P
3
5
P
8
7.5 10
Calculate R
C
7.5 10
Example: R
2.273k
3.3 10
-
-
-
´
=
´
=
=
´
1
2
0
4
2
R
Calculate R
R
9
8.06 10
Example : R
499
8456.56
9
=
-
´
=
-
=
4
0
8.06 10
Example: New R
498.8
8.058 20
´
=
=
´
1
0
V1
R
R
8.058 A
=
3
1
8
1
3.18 10
New R
81.54 k
3.9 10
Use R
80.6 k
-
-
´
=
=
´
=
3
1
1
3.18 10
R
C
-
´
=
LM833
www.ti.com
SLOS481B – JULY 2010 – REVISED OCTOBER 2014
Typical Application (continued)
(10)
Example: New C1 = 0.039 μF.
(11)
Calculate a new value for R0 from Equation 12.
(12)
(13)
Use R0 = 499.
(14)
Use R2 = 8.45 K.
Choose a convenient value for C3 in the range from 0.01 μF to 0.05 μF.
Example: C3 = 0.033 μF
(15)
Choose a standard value for R3 that is slightly larger than RP.
Example: R3 = 2.37 k
Calculate R6 from 1 / R6 = 1 / RP − 1 / R3
Example: R6 = 55.36 k
Use 54.9 k
Calculate C4 for low-frequency rolloff below 1 Hz from design Equation 5.
Example: C4 = 2 μF. Use a good quality mylar, polystyrene, or polypropylene.
Choose gain of second amplifier.
Example: The 1 kHz gain up to the input of the second amplifier is about 26 dB for this example. For an
overall 1 kHz gain equal to about 36 dB we choose:
AV2 = 10 dB = 3.16
Choose value for R4.
Example: R4 = 2 k
Calculate R5 = (AV2 − 1) R4
Copyright © 2010–2014, Texas Instruments Incorporated
Submit Documentation Feedback
17
Product Folder Links: LM833



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com