Electronic Components Datasheet Search
  English  ▼

X  

LM833P Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # LM833P
Description  Dual High-Speed Audio Operational Amplifier
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM833P Datasheet(HTML) 11 Page - Texas Instruments

Back Button LM833P Datasheet HTML 7Page - Texas Instruments LM833P Datasheet HTML 8Page - Texas Instruments LM833P Datasheet HTML 9Page - Texas Instruments LM833P Datasheet HTML 10Page - Texas Instruments LM833P Datasheet HTML 11Page - Texas Instruments LM833P Datasheet HTML 12Page - Texas Instruments LM833P Datasheet HTML 13Page - Texas Instruments LM833P Datasheet HTML 14Page - Texas Instruments LM833P Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 33 page
background image
-15
-5
5
15
25
35
45
55
-2
2
6
10
14
18
22
Time – µs
-60
-50
-40
-30
-20
-10
0
10
V
= 15 V
V
= –15 V
A = 1
R = 2 k
C
T = 25°C
CC+
CC–
V
L
A
W
L = 100 pF
Input
Output
-15
-5
5
15
25
35
45
55
-2
2
6
10
14
18
22
Time – µs
-60
-50
-40
-30
-20
-10
0
10
V
= 15 V
V
= –15 V
A = –1
R = 2 k
C
T = 25°C
CC+
CC–
V
L
A
W
L = 100 pF
Input
Output
0
2
4
6
8
10
12
14
16
0
1
10
10 0
10 0 0
10 0 0 0
10 0 0 0 0
RSD – Differential Source Resistance – è
0
4
8
12
16
2 0
2 4
2 8
3 2
3 6
4 0
4 4
4 8
5 2
5 6
6 0
6 4
VCC+ = 15 V
VCC– = –15 V
AV = 100
VO = 0 V
TA = 25°C
Phase Margin
Gain Margin
W
1k
10k
100k
100
0
1
10
1
10
100
1000
1.E+01
1.E+02
1.E+03
1.E+04
1.E+05
1.E+06
RS – Source Resistance – è
VCC+ = 15 V
VCC– = –15 V
f = 1 Hz
TA = 25°C
W
10
100
1k
10k
100k
1M
0
10
20
30
40
50
60
70
80
90
100
10
100
1000
Cout – Output Load Capacitance – pF
VCC+ = 15 V
VCC– = –15 V
VIN = 100 mVPP
T = 125°C
A
T = 25°C
A
T = –55°C
A
1
10
100
10
100
1000
10000
100000
f – Frequency – Hz
0.1
1
10
VCC+ = 15 V
VCC– = –15 V
TA = 25°C
Input Voltage Noise
Input Current Noise
10
100
1k
10k
100k
LM833
www.ti.com
SLOS481B – JULY 2010 – REVISED OCTOBER 2014
Typical Characteristics (continued)
Figure 28. Overshoot vs Output Load Capacitance
Figure 29. Input Voltage and Current Noise vs Frequency
Figure 30. Input Referred Noise Voltage
Figure 31. Gain and Phase Margin
vs Source Resistance
vs Differential Source Resistance
Figure 32. Large Signal Transient Response (AV = 1)
Figure 33. Large Signal Transient Response (AV = –1)
Copyright © 2010–2014, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: LM833



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com