Electronic Components Datasheet Search
  English  ▼

X  

LMV792MM Datasheet(PDF) 5 Page - Texas Instruments

Part # LMV792MM
Description  17-MHz, Low-Noise, CMOS Input, 1.8-V Operational Amplifiers
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMV792MM Datasheet(HTML) 5 Page - Texas Instruments

  LMV792MM Datasheet HTML 1Page - Texas Instruments LMV792MM Datasheet HTML 2Page - Texas Instruments LMV792MM Datasheet HTML 3Page - Texas Instruments LMV792MM Datasheet HTML 4Page - Texas Instruments LMV792MM Datasheet HTML 5Page - Texas Instruments LMV792MM Datasheet HTML 6Page - Texas Instruments LMV792MM Datasheet HTML 7Page - Texas Instruments LMV792MM Datasheet HTML 8Page - Texas Instruments LMV792MM Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 34 page
background image
LMV791, LMV792
www.ti.com
SNOSAG6G – SEPTEMBER 2005 – REVISED OCTOBER 2015
6.5 2.5-V Electrical Characteristics
Unless otherwise specified, all limits are ensured for TJ = 25°C, V
+ = 2.5 V, V− = 0 V, V
CM = V
+/2 = V
O, VEN = V
+.
PARAMETER
TEST CONDITIONS
MIN
(1)
TYP
(2)
MAX
(1)
UNIT
TJ = 25 °C
0.1
±1.35
VOS
Input offset voltage
mV
−40°C ≤ TJ ≤ 125°C
±1.65
LMV791
(3)
−1
TC VOS
Input offset voltage temperature drift
μV/°C
LMV792
(3)
−1.8
TJ = 25 °C
0.05
1
IB
Input bias current
VCM = 1 V
(4) (5)
−40°C ≤ TJ ≤ 85 °C
25
pA
−40°C ≤ TJ ≤ 125 °C
100
IOS
Input offset current
VCM = 1 V
(5)
10
fA
TJ = 25 °C
80
94
CMRR
Common-mode rejection ratio
0 V
≤ VCM ≤ 1.4 V
dB
−40°C ≤ TJ ≤ 125°C
75
TJ = 25 °C
80
100
2.0V
≤ V
+ ≤ 5.5V, V
CM = 0
V
−40°C ≤ TJ ≤ 125°C
75
PSRR
Power supply rejection ratio
dB
80
98
1.8 V
≤ V
+ ≤ 5.5 V, V
CM = 0 V
CMRR
≥ 60 dB
TJ = 25 °C
−0.3
1.5
CMVR
Common-mode voltage range
V
CMRR
≥ 55 dB
−40°C ≤ TJ ≤ 125°C
−0.3
1.5
TJ = 25 °C
85
98
LMV791
−40°C ≤ TJ ≤ 125°C
80
VOUT = 0.15 V to 2.2 V,
RLOAD = 2 kΩ to V
+/2
TJ = 25 °C
82
92
AVOL
Open-loop voltage gain
LMV792
dB
−40°C ≤ TJ ≤ 125°C
78
TJ = 25 °C
88
110
VOUT = 0.15 V to 2.2 V,
RLOAD = 10 kΩ to V
+/2
−40°C ≤ TJ ≤ 125°C
84
TJ = 25 °C
25
75
RLOAD = 2 kΩ to V
+/2
−40°C ≤ TJ ≤ 125°C
82
Output voltage swing high
TJ = 25 °C
20
65
RLOAD = 10 kΩ to V
+/2
−40°C ≤ TJ ≤ 125°C
71
mV from
VOUT
either rail
TJ = 25 °C
30
75
RLOAD = 2 kΩ to V
+/2
−40°C ≤ TJ ≤ 125°C
78
Output voltage swing low
TJ = 25 °C
15
65
RLOAD = 10 kΩ to V
+/2
−40°C ≤ TJ ≤ 125°C
67
TJ = 25 °C
35
47
Sourcing to V
−
VIN = 200 mV
(6)
−40°C ≤ TJ ≤ 125°C
28
IOUT
Output current
mA
TJ = 25 °C
7
15
Sinking to V
+
VIN = –200 mV
(6)
−40°C ≤ TJ ≤ 125°C
5
TJ = 25 °C
0.95
1.3
LMV791
−40°C ≤ TJ ≤ 125°C
1.65
Enable mode
mA
VEN ≥ 2.1 V
TJ = 25 °C
1.1
1.50
LMV792
IS
Supply current per amplifier
per channel
−40°C ≤ TJ ≤ 125°C
1.85
Shutdown mode, VEN <
TJ = 25 °C
0.02
1
0.4
μA
−40°C ≤ TJ ≤ 125°C
5
per channel
AV = +1, Rising (10% to 90%)
8.5
SR
Slew rate
V/
μs
AV = +1, Falling (90% to 10%)
10.5
GBW
Gain bandwidth
14
MHz
en
Input referred voltage noise density
f = 1 kHz
6.2
nV/
√Hz
in
Input referred current noise density
f = 1 kHz
0.01
pA/
√Hz
ton
Turnon time
140
ns
toff
Turnoff time
1000
ns
Enable mode
2.1
2
VEN
Enable pin voltage range
V
Shutdown mode
0.5
0.4
(1)
Limits are 100% production tested at 25°C. Limits over the operating temperature range are ensured through correlations using the
statistical quality control (SQC) method.
(2)
Typical values represent the parametric norm at the time of characterization.
(3)
Offset voltage average drift is determined by dividing the change in VOS by temperature change.
(4)
Positive current corresponds to current flowing into the device.
(5)
This parameter is specified by design and/or characterization and is not tested in production.
(6)
The short circuit test is a momentary test, the short circuit duration is 1.5 ms.
Copyright © 2005–2015, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: LMV791 LMV792



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com