Electronic Components Datasheet Search
  English  ▼

X  

LMV792MM Datasheet(PDF) 16 Page - Texas Instruments

Part # LMV792MM
Description  17-MHz, Low-Noise, CMOS Input, 1.8-V Operational Amplifiers
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMV792MM Datasheet(HTML) 16 Page - Texas Instruments

Back Button LMV792MM Datasheet HTML 12Page - Texas Instruments LMV792MM Datasheet HTML 13Page - Texas Instruments LMV792MM Datasheet HTML 14Page - Texas Instruments LMV792MM Datasheet HTML 15Page - Texas Instruments LMV792MM Datasheet HTML 16Page - Texas Instruments LMV792MM Datasheet HTML 17Page - Texas Instruments LMV792MM Datasheet HTML 18Page - Texas Instruments LMV792MM Datasheet HTML 19Page - Texas Instruments LMV792MM Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 34 page
background image
LMV791, LMV792
SNOSAG6G – SEPTEMBER 2005 – REVISED OCTOBER 2015
www.ti.com
7 Detailed Description
7.1 Overview
The LMV79x family provides optimal performance in low-voltage and low-noise systems. A low-noise CMOS
input stage, with typical input bias currents in the range of a few femtoamperes, and an input common-mode
voltage range which includes ground make the LMV791 and the LMV792 ideal for low-power sensor applications
7.2 Functional Block Diagram
7.3 Feature Description
7.3.1 Wide Bandwidth at Low Supply Current
The LMV791 and LMV792 are high performance operational amplifiers that provide a unity gain bandwidth of 17
MHz while drawing a low supply current of 1.15 mA. This makes them ideal for providing wideband amplification
in portable applications. The shutdown feature can also be used to design more power efficient systems that
offer wide bandwidth and high performance while consuming less average power.
7.3.2 Low Input Referred Noise and Low Input Bias Current
The LMV79x have a very low input referred voltage noise density (5.8 nV/
√Hz at 1 kHz). A CMOS input stage
ensures a small input bias current (100 fA) and low input referred current noise (0.01 pA/
√Hz). This is very
helpful in maintaining signal fidelity, and makes the LMV791 and LMV792 ideal for audio and sensor-based
applications.
7.3.3 Low Supply Voltage
The LMV791 and the LMV792 have performance ensured at 2.5-V and 5-V supply. The LMV791 family is
ensured to be operational at all supply voltages between 2 V and 5.5 V, for ambient temperatures ranging from
−40°C to 125°C, thus using the entire battery lifetime. The LMV791 and LMV792 are also ensured to be
operational at 1.8-V supply voltage, for temperatures between 0°C and 125°C. This makes the LMV791 family
ideal for usage in low-voltage commercial applications.
7.3.4 Rail-to-Rail Output and Ground Sensing
Rail-to-rail output swing provides maximum possible dynamic range at the output. This is particularly important
when operating at low supply voltages. An innovative positive feedback scheme is used to boost the current drive
capability of the output stage. This allows the LMV791 and the LMV792 to source more than 40 mA of current at
1.8-V supply. This also limits the performance of the LMV791 family as comparators, and hence the usage of the
LMV791 and the LMV792 in an open-loop configuration is not recommended. The input common-mode range
includes the negative supply rail which allows direct sensing at ground in single supply operation.
7.3.5 Shutdown Feature
The LMV791 family is ideal for battery-powered systems. With a low supply current of 1.15 mA and a shutdown
current of 140 nA typically, the LMV791 and LMV792 allow the designer to maximize battery life. The enable pin
of the LMV791 and the LMV792 allows the operational amplifier to be turned off and reduce its supply current to
less than 1
μA. To power on the operational amplifier the enable pin should be higher than V+ – 0.5 V, where V+
is the positive supply. To disable the operational amplifier, the enable pin voltage should be less than V− + 0.5 V,
where V− is the negative supply.
16
Submit Documentation Feedback
Copyright © 2005–2015, Texas Instruments Incorporated
Product Folder Links: LMV791 LMV792



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com