Electronic Components Datasheet Search
  English  ▼

X  

LMV792MM Datasheet(PDF) 7 Page - Texas Instruments

Part # LMV792MM
Description  17-MHz, Low-Noise, CMOS Input, 1.8-V Operational Amplifiers
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMV792MM Datasheet(HTML) 7 Page - Texas Instruments

Back Button LMV792MM Datasheet HTML 3Page - Texas Instruments LMV792MM Datasheet HTML 4Page - Texas Instruments LMV792MM Datasheet HTML 5Page - Texas Instruments LMV792MM Datasheet HTML 6Page - Texas Instruments LMV792MM Datasheet HTML 7Page - Texas Instruments LMV792MM Datasheet HTML 8Page - Texas Instruments LMV792MM Datasheet HTML 9Page - Texas Instruments LMV792MM Datasheet HTML 10Page - Texas Instruments LMV792MM Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 34 page
background image
LMV791, LMV792
www.ti.com
SNOSAG6G – SEPTEMBER 2005 – REVISED OCTOBER 2015
5-V Electrical Characteristics (continued)
Unless otherwise specified, all limits are ensured for TJ = 25°C, V
+ = 5 V, V− = 0 V, V
CM = V
+/2 = V
O, VEN = V
+.
PARAMETER
TEST CONDITIONS
MIN
(1)
TYP
(2)
MAX
(1)
UNIT
AV = +1, Rising (10% to 90%)
6
9.5
SR
Slew rate
V/
μs
AV = +1, Falling (90% to 10%)
7.5
11.5
GBW
Gain bandwidth
17
MHz
en
Input referred voltage noise density
f = 1 kHz
5.8
nV/
√Hz
in
Input referred current noise density
f = 1 kHz
0.01
pA/
√Hz
ton
Turnon time
110
ns
toff
Turnoff time
800
ns
Enable mode
4.6
4.5
VEN
Enable pin voltage range
V
Shutdown mode
0.5
0.4
Enable mode VEN = 5 V
(4)
5.6
10
IEN
Enable pin input current
μA
Shutdown mode VEN = 0 V
(4)
0.005
0.2
THD+N
Total harmonic distortion + noise
f = 1 kHz, AV = 1, RLOAD = 600 Ω
0.01%
Copyright © 2005–2015, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: LMV791 LMV792



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com