Electronic Components Datasheet Search
  English  ▼

X  

LMV792MM Datasheet(PDF) 10 Page - Texas Instruments

Part # LMV792MM
Description  17-MHz, Low-Noise, CMOS Input, 1.8-V Operational Amplifiers
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMV792MM Datasheet(HTML) 10 Page - Texas Instruments

Back Button LMV792MM Datasheet HTML 6Page - Texas Instruments LMV792MM Datasheet HTML 7Page - Texas Instruments LMV792MM Datasheet HTML 8Page - Texas Instruments LMV792MM Datasheet HTML 9Page - Texas Instruments LMV792MM Datasheet HTML 10Page - Texas Instruments LMV792MM Datasheet HTML 11Page - Texas Instruments LMV792MM Datasheet HTML 12Page - Texas Instruments LMV792MM Datasheet HTML 13Page - Texas Instruments LMV792MM Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 34 page
background image
0
1
2
3
4
5
0
5
10
15
20
25
30
VOUT (V)
125°C
25°C
-40°C
-40°C
0
1
2
3
4
5
0
10
20
30
40
50
60
70
VOUT (V)
125°C
25°C
1
2
3
4
5
6
0
10
20
30
40
50
60
70
80
V+ (V)
125°C
25°C
-40°C
1
2
3
4
5
6
0
5
10
15
20
25
30
35
V
+
(V)
25°C
125°C
-40°C
0
1
2
3
4
-3
-2.5
-2
-1.5
-1
-0.5
0
0.5
1
1.5
VCM (V)
-40°C
25°C
V
+
= 5V
0
1
2
3
4
-50
50
VCM (V)
-40
-30
-20
-10
0
10
20
30
40
125°C
V
+
= 5V
85°C
LMV791, LMV792
SNOSAG6G – SEPTEMBER 2005 – REVISED OCTOBER 2015
www.ti.com
Typical Characteristics (continued)
Unless otherwise specified, TA = 25°C, V
– = 0, V+ = Supply Voltage = 5V, V
CM = V
+/2, V
EN = V
+.
Figure 13. Input Bias Current vs VCM
Figure 14. Input Bias Current vs VCM
Figure 15. Sourcing Current vs Supply Voltage
Figure 16. Sinking Current vs Supply Voltage
Figure 17. Sourcing Current vs Output Voltage
Figure 18. Sinking Current vs Output Voltage
10
Submit Documentation Feedback
Copyright © 2005–2015, Texas Instruments Incorporated
Product Folder Links: LMV791 LMV792



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com