Electronic Components Datasheet Search
  English  ▼

X  

OPA192IDBVT Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # OPA192IDBVT
Description  Low Input Bias Current Op Amp
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA192IDBVT Datasheet(HTML) 21 Page - Texas Instruments

Back Button OPA192IDBVT Datasheet HTML 17Page - Texas Instruments OPA192IDBVT Datasheet HTML 18Page - Texas Instruments OPA192IDBVT Datasheet HTML 19Page - Texas Instruments OPA192IDBVT Datasheet HTML 20Page - Texas Instruments OPA192IDBVT Datasheet HTML 21Page - Texas Instruments OPA192IDBVT Datasheet HTML 22Page - Texas Instruments OPA192IDBVT Datasheet HTML 23Page - Texas Instruments OPA192IDBVT Datasheet HTML 24Page - Texas Instruments OPA192IDBVT Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 52 page
background image
Temperature (qC)
Offset Voltage vs Temperature
-50
-25
0
25
50
75
100
125
150
-100
-75
-50
-25
0
25
50
75
100
Temperature
VOS Before e-trim
VOS After e-trim
Linear component of drift
Linear component of drift
OPA192, OPA2192, OPA4192
www.ti.com
SBOS620E – DECEMBER 2013 – REVISED NOVEMBER 2015
7 Parameter Measurement Information
7.1 Input Offset Voltage Drift
The OPAx192 family of operational amplifiers is manufactured using TI’s e-trim technology. Each amplifier input
offset voltage and input offset voltage drift is trimmed in production, thereby minimizing errors associated with
input offset voltage and input offset voltage drift. The e-trim technology is a TI proprietary method of trimming
internal device parameters during either wafer probing or final testing. When trimming input offset voltage drift the
systematic or linear drift error on each device is trimmed to zero. This results in the remaining errors associated
with input offset drift are minimal and are the result from only nonlinear error sources. Figure 49 illustrates this
concept.
Figure 49. Input Offset Before and After Drift Trim
A common method of specifying input offset voltage drift is the box method. The box method estimates a
maximum input offset drift by bounding the offset voltage versus temperature curve with a box and using the
corners of this bounding box to determine the drift. The slope of the line connecting the diagonal corners of the
box corresponds to the input offset voltage drift. Figure 50 shows the box method concept. The box method
works particularly well when the input offset drift is dominated by the linear component of drift, but because the
OPA192 family uses TI’s e-trim technology to remove the linear component input offset voltage drift, the box
method is not a particularly useful method of accurately performing an error analysis. Figure 50 shows 30 typical
units of the OPAx192 with the box method superimposed for illustrative purposes. The boundaries of the box are
determined by the specified temperature range along the x-axis and the maximum specified input offset voltage
across that same temperature range along the y-axis. Using the box method predicts an input offset voltage drift
of 0.9 µV/°C. As shown in Figure 50, the slopes of the actual input offset voltage versus temperature are much
less than that predicted by the box method. The box method predicts a pessimistic value for the maximum input
offset voltage drift and is not recommended when performing an error analysis.
Figure 50. The Box Method
Copyright © 2013–2015, Texas Instruments Incorporated
Submit Documentation Feedback
21
Product Folder Links: OPA192 OPA2192 OPA4192



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com