Electronic Components Datasheet Search
  English  ▼

X  

OPA192IDBVT Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # OPA192IDBVT
Description  Low Input Bias Current Op Amp
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA192IDBVT Datasheet(HTML) 11 Page - Texas Instruments

Back Button OPA192IDBVT Datasheet HTML 7Page - Texas Instruments OPA192IDBVT Datasheet HTML 8Page - Texas Instruments OPA192IDBVT Datasheet HTML 9Page - Texas Instruments OPA192IDBVT Datasheet HTML 10Page - Texas Instruments OPA192IDBVT Datasheet HTML 11Page - Texas Instruments OPA192IDBVT Datasheet HTML 12Page - Texas Instruments OPA192IDBVT Datasheet HTML 13Page - Texas Instruments OPA192IDBVT Datasheet HTML 14Page - Texas Instruments OPA192IDBVT Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 52 page
background image
OPA192, OPA2192, OPA4192
www.ti.com
SBOS620E – DECEMBER 2013 – REVISED NOVEMBER 2015
Electrical Characteristics: VS = ±2.25 V to ±4 V (VS = +4.5 V to +8 V) (continued)
At TA = +25°C, VCM = VOUT = VS / 2, and RLOAD = 10 kΩ connected to VS / 2, unless otherwise noted.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
FREQUENCY RESPONSE
GBW
Unity gain bandwidth
10
MHz
SR
Slew rate
G = 1, 10-V step
20
V/µs
ts
Settling time
To 0.01%
VS = ±3 V, G = 1, 5-V step
1
µs
tOR
Overload recovery time
VIN× G = VS
200
ns
OPA2192 and OPA4192, at dc
150
Crosstalk
dB
OPA2192 and OPA4192, f = 100 kHz
130
OUTPUT
No load
5
15
Positive rail
RLOAD = 10 kΩ
95
110
RLOAD = 2 kΩ
430
500
Voltage output swing from
VO
mV
rail
No load
5
15
Negative rail
RLOAD = 10 kΩ
95
110
RLOAD = 2 kΩ
430
500
ISC
Short-circuit current
±65
mA
CLOAD
Capacitive load drive
See Typical Characteristics
Open-loop output
ZO
f = 1 MHz, IO = 0 A, see Figure 31
375
Ω
impedance
POWER SUPPLY
1
1.2
Quiescent current per
IQ
IO = 0 A
mA
amplifier
TA = –40°C to +125°C
1.5
TEMPERATURE
Thermal protection(1)
140
°C
(1)
For a detailed description of thermal protection, see the Thermal Protection section.
Copyright © 2013–2015, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: OPA192 OPA2192 OPA4192



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com