Electronic Components Datasheet Search
  English  ▼

X  

OPA192IDBVT Datasheet(PDF) 31 Page - Texas Instruments

Click here to check the latest version.
Part # OPA192IDBVT
Description  Low Input Bias Current Op Amp
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA192IDBVT Datasheet(HTML) 31 Page - Texas Instruments

Back Button OPA192IDBVT Datasheet HTML 27Page - Texas Instruments OPA192IDBVT Datasheet HTML 28Page - Texas Instruments OPA192IDBVT Datasheet HTML 29Page - Texas Instruments OPA192IDBVT Datasheet HTML 30Page - Texas Instruments OPA192IDBVT Datasheet HTML 31Page - Texas Instruments OPA192IDBVT Datasheet HTML 32Page - Texas Instruments OPA192IDBVT Datasheet HTML 33Page - Texas Instruments OPA192IDBVT Datasheet HTML 34Page - Texas Instruments OPA192IDBVT Datasheet HTML 35Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 52 page
background image
SAR
ADC
REFP
VINP
VINM
1
4:2
Mux
+
+
+
Antialiasing
Filter
Gain
Network
Gain
Network
High-Voltage Level Translation
High-Voltage Multiplexed Input
Reference Driver
2
4
Voltage
Reference
RC Filter
Buffer
RC Filter
16 Bits
400 kSPS
Delay
Digital Counter For Multiplexer
CONV
5
3
Very Low Output Impedance
Input-Filter Bandwidth
High-Impedance Inputs
No Differential Input Clamps
Fast Settling-Time Requirements
Attenuate High-Voltage Input Signal
Fast-Settling Time Requirements
Stability of the Input Driver
Attenuate ADC Kickback Noise
VREF Output: Value and Accuracy
Low Temp and Long-Term Drift
Fast logic transition
±20-V,
10-kHz
Sine Wave
±20-V,
10-kHz
Sine Wave
+
+
+
+
Shmidtt
Trigger
Counter
REF3240
Voltage
Divider
OPA350
VCM Generation Circuit
n
n
CH0+
CH0-
CH3+
CH3-
OPA192
OPA192
OPA192
OPA192
OPA140
OPA192
OPA192
Gain
Network
OPA192, OPA2192, OPA4192
www.ti.com
SBOS620E – DECEMBER 2013 – REVISED NOVEMBER 2015
9 Application and Implementation
NOTE
Information in the following applications sections is not part of the TI component
specification, and TI does not warrant its accuracy or completeness. TI’s customers are
responsible for determining suitability of components for their purposes. Customers should
validate and test their design implementation to confirm system functionality.
9.1 Application Information
The OPAx192 family offers outstanding dc precision and ac performance. These devices operate up to 36-V
supply rails and offer true rail-to-rail input/output, ultralow offset voltage and offset voltage drift, as well as
10-MHz bandwidth and high capacitive load drive. These features make the OPAx192 a robust, high-
performance operational amplifier for high-voltage industrial applications.
9.2 Typical Applications
9.2.1 16-Bit Precision Multiplexed Data-Acquisition System
Figure 66 shows a 16-bit, differential, 4-channel, multiplexed data-acquisition system. This example is typical in
industrial applications that require low distortion and a high-voltage differential input. The circuit uses the
ADS8864, a 16-bit, 400-kSPS successive-approximation-resistor (SAR) analog-to-digital converter (ADC), along
with a precision, high-voltage, signal-conditioning front end, and a 4-channel differential multiplexer (mux). This
TI Precision Design details the process for optimizing the precision, high-voltage, front-end drive circuit using the
OPA192 and OPA140 to achieve excellent dynamic performance and linearity with the ADS8864.
Figure 66. OPA192 in 16-Bit, 400-kSPS, 4-Channel, Multiplexed Data Acquisition System for High-Voltage
Inputs with Lowest Distortion
9.2.1.1 Design Requirements
The primary objective is to design a ±20 V, differential 4-channel multiplexed data acquisition system with lowest
distortion using the 16-bit ADS8864 at a throughput of 400 kSPS for a 10 kHz full-scale pure sine-wave input.
The design requirements for this block design are:
Copyright © 2013–2015, Texas Instruments Incorporated
Submit Documentation Feedback
31
Product Folder Links: OPA192 OPA2192 OPA4192



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com