Electronic Components Datasheet Search
  English  ▼

X  

OPA192IDBVT Datasheet(PDF) 29 Page - Texas Instruments

Click here to check the latest version.
Part # OPA192IDBVT
Description  Low Input Bias Current Op Amp
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA192IDBVT Datasheet(HTML) 29 Page - Texas Instruments

Back Button OPA192IDBVT Datasheet HTML 25Page - Texas Instruments OPA192IDBVT Datasheet HTML 26Page - Texas Instruments OPA192IDBVT Datasheet HTML 27Page - Texas Instruments OPA192IDBVT Datasheet HTML 28Page - Texas Instruments OPA192IDBVT Datasheet HTML 29Page - Texas Instruments OPA192IDBVT Datasheet HTML 30Page - Texas Instruments OPA192IDBVT Datasheet HTML 31Page - Texas Instruments OPA192IDBVT Datasheet HTML 32Page - Texas Instruments OPA192IDBVT Datasheet HTML 33Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 52 page
background image
Power-Supply
ESD Cell
100
Ÿ
100
Ÿ
VSS
VDD
IN
±
IN+
+
±
R1
RS
RF
TVS
TVS
RL
VIN
+VS
±VS
OPA192
ID
+
±
OPA192, OPA2192, OPA4192
www.ti.com
SBOS620E – DECEMBER 2013 – REVISED NOVEMBER 2015
8.3.7 Electrical Overstress
Designers often ask questions about the capability of an operational amplifier to withstand electrical overstress
(EOS). These questions tend to focus on the device inputs, but may involve the supply voltage pins or even the
output pin. Each of these different pin functions have electrical stress limits determined by the voltage breakdown
characteristics of the particular semiconductor fabrication process and specific circuits connected to the pin.
Additionally, internal electrostatic discharge (ESD) protection is built into these circuits to protect them from
accidental ESD events both before and during product assembly.
Having a good understanding of this basic ESD circuitry and its relevance to an electrical overstress event is
helpful. Figure 65 shows an illustration of the ESD circuits contained in the OPAx192 (indicated by the dashed
line area). The ESD protection circuitry involves several current-steering diodes connected from the input and
output pins and routed back to the internal power-supply lines, where the diodes meet at an absorption device or
the power-supply ESD cell, internal to the operational amplifier. This protection circuitry is intended to remain
inactive during normal circuit operation.
Figure 65. Equivalent Internal ESD Circuitry Relative to a Typical Circuit Application
Copyright © 2013–2015, Texas Instruments Incorporated
Submit Documentation Feedback
29
Product Folder Links: OPA192 OPA2192 OPA4192



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com