Electronic Components Datasheet Search
  English  ▼

X  

FXLS8471Q Datasheet(PDF) 24 Page - Freescale Semiconductor, Inc

Part # FXLS8471Q
Description  Linear Accelerometer
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

FXLS8471Q Datasheet(HTML) 24 Page - Freescale Semiconductor, Inc

Back Button FXLS8471Q Datasheet HTML 20Page - Freescale Semiconductor, Inc FXLS8471Q Datasheet HTML 21Page - Freescale Semiconductor, Inc FXLS8471Q Datasheet HTML 22Page - Freescale Semiconductor, Inc FXLS8471Q Datasheet HTML 23Page - Freescale Semiconductor, Inc FXLS8471Q Datasheet HTML 24Page - Freescale Semiconductor, Inc FXLS8471Q Datasheet HTML 25Page - Freescale Semiconductor, Inc FXLS8471Q Datasheet HTML 26Page - Freescale Semiconductor, Inc FXLS8471Q Datasheet HTML 27Page - Freescale Semiconductor, Inc FXLS8471Q Datasheet HTML 28Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 75 page
background image
FXLS8471Q
Sensors
24
Freescale Semiconductor, Inc.
8.8
Orientation detection
FXLS8471Q has an embedded orientation detection algorithm with the ability to detect all six orientations. The transition angles
and hysteresis are programmable, allowing for a smooth transition between portrait and landscape orientations.
The angle at which the device no longer detects the orientation change is referred to as the “Z-lockout angle”. The device operates
down to 29° from the flat position. All angles are accurate to ±2°.
For further information on the orientation detection function refer to Freescale application note, AN4068.
8.9
Acceleration Vector-Magnitude detection
FXLS8471Q incorporates an acceleration vector-magnitude change detection block that can be configured to generate an
interrupt when the acceleration magnitude exceeds a preset threshold for a programmed debounce time. The function can be
configured to operate in absolute or relative modes, and can also act as a wake to sleep/sleep to wake source. This function is
useful for detecting acceleration transients when operated in absolute mode, or for detecting changes in orientation when
operated in relative mode, refer to Freescale application note AN4692.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com