Electronic Components Datasheet Search
  English  ▼

X  

FXLS8471Q Datasheet(PDF) 58 Page - Freescale Semiconductor, Inc

Part # FXLS8471Q
Description  Linear Accelerometer
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

FXLS8471Q Datasheet(HTML) 58 Page - Freescale Semiconductor, Inc

Back Button FXLS8471Q Datasheet HTML 54Page - Freescale Semiconductor, Inc FXLS8471Q Datasheet HTML 55Page - Freescale Semiconductor, Inc FXLS8471Q Datasheet HTML 56Page - Freescale Semiconductor, Inc FXLS8471Q Datasheet HTML 57Page - Freescale Semiconductor, Inc FXLS8471Q Datasheet HTML 58Page - Freescale Semiconductor, Inc FXLS8471Q Datasheet HTML 59Page - Freescale Semiconductor, Inc FXLS8471Q Datasheet HTML 60Page - Freescale Semiconductor, Inc FXLS8471Q Datasheet HTML 61Page - Freescale Semiconductor, Inc FXLS8471Q Datasheet HTML 62Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 75 page
background image
FXLS8471Q
Sensors
58
Freescale Semiconductor, Inc.
10.9.10 A_VECM_INITZ_LSB (0x68) register
10.10
Transient (AC) acceleration detection
The transient detection function is similar to the freefall/motion detection function with the exception that a high-pass filter can be
used to eliminate the DC offset from the acceleration data. There is an option to disable the high-pass filter, which causes the
transient detection function to work in a similar manner to the motion detection function.
The transient detection function can be configured to signal an interrupt when the high-pass filtered acceleration delta values for
any of the enabled axes exceeds the threshold programmed in TRANSIENT_THS for the debounce time programmed in
TRANSIENT_COUNT. For more information on how to use and configure the transient detection function please refer to
Freescale application note AN4461.
10.10.1 TRANSIENT_CFG (0x1D) register
Table 106. A_VECM_INITZ_MSB bit description
Field
Description
a_vecm_initz[13:8]
Most significant 6 bits of the signed 14-bit initial Z-axis value to be used as ref_z when A_VECM_CFG[a_vecm_initm]
= 1. The resolution is determined by the settings made in XYZ_DATA_CFG[fs], and is equal to the accelerometer
resolution.
Table 107. A_VECM_INITZ_LSB register
a_vecm_initz[7:0]
8’b00000000
Table 108. A_VECM_INITZ_LSB bit description
Field
Description
a_vecm_initz[7:0]
LSB of the signed 14-bit initial Z-axis value to be used as ref_z when A_VECM_CFG[a_vecm_initm] = 1. The
resolution is determined by the settings made in XYZ_DATA_CFG[fs], and is equal to the accelerometer resolution.
Table 109. TRANSIENT_ CFG register
—
—
—
tran_ele
tran_zefe
tran_yefe
tran_xefe
tran_hpf_byp
0000000
0
Table 110. TRANSIENT_ CFG bit descriptions
Field
Description
tran_ele
Transient event flag latch enable. Default value: 0
0: Event flag latch disabled: the transient interrupt flag reflects the real-time status of the function.
1: Event flag latch enabled: the transient interrupt event flag is latched and a read of the TRANSIENT_SRC register is
required to clear the event flag.
tran_zefe
Z-axis transient event flag enable. Default value: 0
0: Z-axis event detection disabled
1: Z-axis event detection enabled. Raise event flag on Z-axis acceleration value greater than threshold.
tran_yefe
Y-axis transient event flag enable. Default value: 0
0: Y-axis event detection disabled
1: Y-axis event detection enabled. Raise event flag on Y-axis acceleration value greater than threshold.
tran_xefe
X-axis transient event flag enable. Default value: 0
0: X-axis event detection disabled
1: X-axis event detection enabled. Raise event flag on X-axis acceleration value greater than threshold.
tran_hpf_byp
Transient function high-pass filter bypass. Default value: 0
0: High-pass filter is applied to accelerometer data input to the transient function.
1: High-pass filter is not applied to accelerometer data input to the transient function.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com