Electronic Components Datasheet Search
  English  ▼

X  

FXLS8471Q Datasheet(PDF) 38 Page - Freescale Semiconductor, Inc

Part # FXLS8471Q
Description  Linear Accelerometer
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

FXLS8471Q Datasheet(HTML) 38 Page - Freescale Semiconductor, Inc

Back Button FXLS8471Q Datasheet HTML 34Page - Freescale Semiconductor, Inc FXLS8471Q Datasheet HTML 35Page - Freescale Semiconductor, Inc FXLS8471Q Datasheet HTML 36Page - Freescale Semiconductor, Inc FXLS8471Q Datasheet HTML 37Page - Freescale Semiconductor, Inc FXLS8471Q Datasheet HTML 38Page - Freescale Semiconductor, Inc FXLS8471Q Datasheet HTML 39Page - Freescale Semiconductor, Inc FXLS8471Q Datasheet HTML 40Page - Freescale Semiconductor, Inc FXLS8471Q Datasheet HTML 41Page - Freescale Semiconductor, Inc FXLS8471Q Datasheet HTML 42Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 75 page
background image
FXLS8471Q
Sensors
38
Freescale Semiconductor, Inc.
Figure 10. Interrupt controller block diagram
The system’s interrupt controller uses the corresponding bit field in the CTRL_REG5 register to determine the routing for the INT1
and INT2 interrupt pins. For example, if the int_cfg_drdy bit value is logic ‘0’ the functional block’s interrupt is routed to INT2, and
if the bit value is logic ‘1’ then the interrupt is routed to INT1. All interrupt signals routed to either INT1 or INT2 are logically OR’ed
together as illustrated in Figure 11, thus one or more functional blocks can assert an interrupt pin simultaneously; therefore a
host application responding to an interrupt should read the INT_SOURCE register to determine the source(s) of the interrupt(s).
Figure 11. INT1/INT2 PIN Control Logic
INTERRUPT
CONTROLLER
Data Ready
Freefall/Motion Detection
Pulse Detection
Orientation Detection
Transient Acceleration Detection
Auto-Sleep
INT ENABLE
INT CFG
INT1
INT2
99
Acceleration Vector-magnitude
FIFO Interrupt
INT1
INT2
SRC_RTS
SRC_FIFO
SRC_PULSE
SRC_FF_MT
OR
OR
SRC_DRDY



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com