Electronic Components Datasheet Search
  English  ▼

X  

FXLS8471Q Datasheet(PDF) 50 Page - Freescale Semiconductor, Inc

Part # FXLS8471Q
Description  Linear Accelerometer
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

FXLS8471Q Datasheet(HTML) 50 Page - Freescale Semiconductor, Inc

Back Button FXLS8471Q Datasheet HTML 46Page - Freescale Semiconductor, Inc FXLS8471Q Datasheet HTML 47Page - Freescale Semiconductor, Inc FXLS8471Q Datasheet HTML 48Page - Freescale Semiconductor, Inc FXLS8471Q Datasheet HTML 49Page - Freescale Semiconductor, Inc FXLS8471Q Datasheet HTML 50Page - Freescale Semiconductor, Inc FXLS8471Q Datasheet HTML 51Page - Freescale Semiconductor, Inc FXLS8471Q Datasheet HTML 52Page - Freescale Semiconductor, Inc FXLS8471Q Datasheet HTML 53Page - Freescale Semiconductor, Inc FXLS8471Q Datasheet HTML 54Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 75 page
background image
FXLS8471Q
Sensors
50
Freescale Semiconductor, Inc.
A_FFMT_SRC[a_ffmt_ea] flag can only be cleared by reading the A_FFMT_SRC register. When A_FFMT_CFG[a_ffmt_ele] = 0,
freefall or motion events are not latched
, and the A_FFMT_SRC[a_ffmt_ea] bit reflects the real-time status of the event detection.
A_FFMT_THS[a_ffmt_dbcntm] bit determines the debounce filtering behavior of the logic which sets the
A_FFMT_SRC[a_ffmt_ea] bit. See Figure 17 for details.
It is possible to enable/disable each axis used in the freefall/motion detection function by configuring bits
A_FFMT_CFG[a_ffmt_xefe], A_FFMT_CFG[a_ffmt_yefe], and A_FFMT_CFG[a_ffmt_zefe].
The freefall/motion detection function has the option to use a common 7-bit unsigned threshold for each of the X, Y, Z axes, or
individual unsigned 13-bit thresholds for each axis. When A_FFMT_THS_X_MSB[a_ffmt_ths_xyz_en] = 0, the 7-bit threshold
value stored in register 0x17 is used as a common 7-bit threshold for the X, Y, and Z axes. When a_ffmt_ths_xyz_en = 1, each
axis may be programmed with an individual 13-bit threshold (stored in the A_FFMT_X/Y/Z MSB and LSB registers).
10.8.1
A_FFMT_CFG (0x15) register
Freefall/motion configuration register.
Table 74. A_FFMT_CFG register
a_ffmt_ele
a_ffmt_oae
a_ffmt_zefe
a_ffmt_yefe
a_ffmt_xefe
—
—
—
000000
0
0
Table 75. A_FFMT_CFG bit descriptions
Field
Description
a_ffmt_ele
a_ffmt_ele denotes whether the enabled event flag will be latched in the A_FFMT_SRC register or the event flag status in the
A_FFMT_SRC will indicate the real-time status of the event. If a_ffmt_ele bit is set to a logic ‘1’, then the event flags are frozen
when the a_ffmt_ea bit gets set, and are cleared by reading the A_FFMT_SRC source register.
Default value: 0
0: Event flag latch disabled
1: Event flag latch enabled
a_ffmt_oae
a_ffmt_oae bit allows the selection between motion (logical OR combination of high-g X, Y, Z-axis event flags) and freefall
(logical AND combination of low-g X, Y, Z-axis event flags) detection.
Motion detect/freefall detect logic selection.
Default value: 0 (freefall flag)
0: Freefall flag (Logical AND combination of low-g X, Y, Z-axis event flags)
1: Motion flag (Logical OR combination of high-g X, Y, Z event flags)
a_ffmt_zefe
a_ffmt_zefe enables the detection of a high- or low-g event when the measured acceleration data on Z-axis is above/below
the threshold set in the A_FFMT_THS register. If the a_ffmt_ele bit is set to logic ‘1’ in the A_FFMT_CFG register, new event
flags are blocked from updating the A_FFMT_SRC register.
Default value: 0
0: Event detection disabled
1: Raise event flag on measured Z-axis acceleration above/below threshold.
a_ffmt_yefe
a_ffmt_yefe enables the detection of a high- or low-g event when the measured acceleration data on Y-axis is above/below
the threshold set in the A_FFMT_THS register. If the a_ffmt_ele bit is set to logic ‘1’ in the A_FFMT_CFG register, new event
flags are blocked from updating the A_FFMT_SRC register.
Default value: 0
0: Event detection disabled
1: Raise event flag on measured Y-axis acceleration above/below threshold.
a_ffmt_xefe
a_ffmt_xefe enables the detection of a high- or low-g event when the measured acceleration data on X-axis is above/below
the threshold set in the A_FFMT_THS register. If the a_ffmt_ele bit is set to logic ‘1’ in the A_FFMT_CFG register, new event
flags are blocked from updating the A_FFMT_SRC register.
Default value: 0
0: Event detection disabled
1: Raise event flag on measured X-axis acceleration above/below threshold.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com