Electronic Components Datasheet Search
  English  ▼

X  

REF5045AID Datasheet(PDF) 17 Page - Texas Instruments

Click here to check the latest version.
Part # REF5045AID
Description  Low-Noise, Very Low Drift, Precision Voltage Reference
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

REF5045AID Datasheet(HTML) 17 Page - Texas Instruments

Back Button REF5045AID Datasheet HTML 13Page - Texas Instruments REF5045AID Datasheet HTML 14Page - Texas Instruments REF5045AID Datasheet HTML 15Page - Texas Instruments REF5045AID Datasheet HTML 16Page - Texas Instruments REF5045AID Datasheet HTML 17Page - Texas Instruments REF5045AID Datasheet HTML 18Page - Texas Instruments REF5045AID Datasheet HTML 19Page - Texas Instruments REF5045AID Datasheet HTML 20Page - Texas Instruments REF5045AID Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 38 page
background image
DNC
TEMP
V
OUT
V
IN
GND
DNC
NC
TRIM/NR
REF50xx
+V
SUPPLY
10kW
1kW
470kW
DNC
TEMP
V
OUT
V
IN
GND
DNC
NC
TRIM/NR
REF50xx
C1
1 F
m
+V
SUPPLY
REF5010, REF5020, REF5025, REF5030
REF5040, REF5045, REF5050
www.ti.com
SBOS410G – JUNE 2007 – REVISED NOVEMBER 2015
Feature Description (continued)
Figure 38. Noise Reduction Using the TRIM/NR Pin
9.3.5 Output Adjustment Using the TRIM/NR Pin
The REF50xx provides a very accurate, factory-trimmed voltage output. However, VOUT can be adjusted using
the trim and noise reduction pin (TRIM/NR, pin 5). Figure 39 shows a typical circuit that allows an output
adjustment of ±15mV
Figure 39. VOUT Adjustment Using the TRIM/NR Pin
The REF50xx allows access to the bandgap through the TRIM/NR pin. Placing a capacitor from the TRIM/NR pin
to GND (see Figure 38 ) in combination with the internal R3 and R4 resistors creates a low-pass filter. A
capacitance of 1
μF creates a low-pass filter with the corner frequency from 10 Hz to 20 Hz. Such a filter
decreases the overall noise measured on the VOUT pin by half. Higher capacitance results in a lower filter cutoff
frequency, further reducing output noise. Using this capacitor increases start-up time.
9.4 Device Functional Modes
9.4.1 Basic Connections
Figure 40 shows the typical connections for the REF50xx. TI recommends a supply bypass capacitor ranging
from 1
μF to 10 μF. A 1-μF to 50-μF output capacitor (CL) must be connected from VOUT to GND. The ESR value
of CL must be less than or equal to 1.5 Ω to ensure output stability. To minimize noise, the recommended ESR of
CL is from 1 Ω and 1.5 Ω.
Copyright © 2007–2015, Texas Instruments Incorporated
Submit Documentation Feedback
17
Product Folder Links: REF5010 REF5020 REF5025 REF5030 REF5040 REF5045 REF5050



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com