Electronic Components Datasheet Search
  English  ▼

X  

REF5045AID Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # REF5045AID
Description  Low-Noise, Very Low Drift, Precision Voltage Reference
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

REF5045AID Datasheet(HTML) 4 Page - Texas Instruments

  REF5045AID Datasheet HTML 1Page - Texas Instruments REF5045AID Datasheet HTML 2Page - Texas Instruments REF5045AID Datasheet HTML 3Page - Texas Instruments REF5045AID Datasheet HTML 4Page - Texas Instruments REF5045AID Datasheet HTML 5Page - Texas Instruments REF5045AID Datasheet HTML 6Page - Texas Instruments REF5045AID Datasheet HTML 7Page - Texas Instruments REF5045AID Datasheet HTML 8Page - Texas Instruments REF5045AID Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 38 page
background image
1
8
5
3
2
4
7
6
REF50xx
TEMP
GND
NC
(2)
VOUT
TRIM/NR
VIN
DNC
(1)
DNC
(1)
NOTES: (1) DNC = Do not connect.
(2) NC = No internal connection.
REF5010, REF5020, REF5025, REF5030
REF5040, REF5045, REF5050
SBOS410G – JUNE 2007 – REVISED NOVEMBER 2015
www.ti.com
5 Device Comparison Table
MODEL
OUTPUT VOLTAGE
REF5020
2.048 V
REF5025
2.5 V
REF5030
3 V
REF5040
4.096 V
REF5045
4.5 V
REF5050
5 V
REF5010
10 V
6 Pin Configuration and Functions
D Package / DGK Package
8-Pin SOIC / 8-Pin VSSOP
Top View
Pin Functions
PIN
DESCRIPTION
NAME
NO.
DNC
1
Do not connect
VIN
2
Input supply voltage
TEMP
3
Temperature monitoring pin. Provides a temperature-dependent output voltage
GND
4
Ground
TRIM/NR
5
Output adjustment and noise reduction pin
VOUT
6
Reference voltage output
NC
7
No internal connection
DNC
8
Do not connect
4
Submit Documentation Feedback
Copyright © 2007–2015, Texas Instruments Incorporated
Product Folder Links: REF5010 REF5020 REF5025 REF5030 REF5040 REF5045 REF5050



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com