Electronic Components Datasheet Search
  English  ▼

X  

REF5045AID Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # REF5045AID
Description  Low-Noise, Very Low Drift, Precision Voltage Reference
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

REF5045AID Datasheet(HTML) 1 Page - Texas Instruments

  REF5045AID Datasheet HTML 1Page - Texas Instruments REF5045AID Datasheet HTML 2Page - Texas Instruments REF5045AID Datasheet HTML 3Page - Texas Instruments REF5045AID Datasheet HTML 4Page - Texas Instruments REF5045AID Datasheet HTML 5Page - Texas Instruments REF5045AID Datasheet HTML 6Page - Texas Instruments REF5045AID Datasheet HTML 7Page - Texas Instruments REF5045AID Datasheet HTML 8Page - Texas Instruments REF5045AID Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 38 page
background image
OPA365
ADS8326
REF5040
Input
Signal
0V to 4V
+5V
R1
50
Ÿ
C1
1.2nF
IN
IN
VDD
GND
REF
VIN
VOUT
GND
+5V
CBYPASS
1µF
C2
µF
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
REF5010, REF5020, REF5025, REF5030
REF5040, REF5045, REF5050
SBOS410G – JUNE 2007 – REVISED NOVEMBER 2015
REF50xx Low-Noise, Very Low Drift, Precision
Voltage Reference
1 Features
3 Description
The REF50xx is a family of low-noise, low-drift, very
1
•
Low Temperature Drift:
high precision voltage references. These references
–
High-Grade: 3 ppm/°C (Maximum)
are capable of both sinking and sourcing current, and
–
Standard-Grade: 8 ppm/°C (Maximum)
have excellent line and load regulation.
•
High Accuracy:
Excellent temperature drift (3 ppm/°C) and high
–
High-Grade: 0.05% (Maximum)
accuracy (0.05%) are achieved using proprietary
design techniques. These features, combined with
–
Standard-Grade: 0.1% (Maximum)
very low noise, make the REF50xx family ideal for
•
Low Noise: 3
μVPP/V
use in high-precision data acquisition systems.
•
Excellent Long-term Stability:
Each reference voltage is available in both standard-
–
45 ppm/1000 hr (typ) after 1000 Hours
and high-grade versions. They are offered in MSOP-8
•
High-Output Current: ±10 mA
and SO-8 packages, and are specified from –40°C to
125°C.
•
Temperature Range: –40°C to 125°C
Device Information(1)
2 Applications
PART NUMBER
PACKAGE
BODY SIZE (NOM)
•
16-Bit Data Acquisition Systems
SOIC (8)
4.90 mm × 3.91 mm
REF50xx
•
ATE Equipment
VSSOP (8)
3.00 mm × 3.00 mm
•
Industrial Process Controls
space
•
Medical Instrumentation
space
•
Pressure and Temperature Transmitters
(1)
For all available packages, see the orderable addendum at
•
Seismic monitoring systems
the end of the data sheet.
Simplified Schematic
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - REF5045AID

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
REF5045AID BURR-BROWN-REF5045AID Datasheet
468Kb / 16P
Low-Noise, Very Low Drift, Precision VOLTAGE REFERENCE
REF5045AID BURR-BROWN-REF5045AID Datasheet
610Kb / 18P
Low-Noise, Very Low Drift, Precision VOLTAGE REFERENCE
logo
Texas Instruments
REF5045AID TI-REF5045AID Datasheet
614Kb / 20P
Low-Noise, Very Low Drift, Precision VOLTAGE REFERENCE
REF5045AID TI-REF5045AID Datasheet
1Mb / 28P
Low-Noise, Very Low Drift, Precision OLTAGE REFERENCE
REF5045AID TI-REF5045AID Datasheet
1Mb / 28P
Low-Noise, Very Low Drift, Precision OLTAGE REFERENCE
More results

Similar Description - REF5045AID

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
REF5020 BURR-BROWN-REF5020 Datasheet
468Kb / 16P
Low-Noise, Very Low Drift, Precision VOLTAGE REFERENCE
logo
Texas Instruments
REF5010 TI-REF5010 Datasheet
614Kb / 20P
Low-Noise, Very Low Drift, Precision VOLTAGE REFERENCE
REF5020-EP TI-REF5020-EP Datasheet
374Kb / 16P
LOW-NOISE, VERY LOW DRIFT, PRECISION VOLTAGE REFERENCE
REF5020-EP TI-REF5020-EP_1 Datasheet
541Kb / 18P
LOW-NOISE,VERY LOW DRIFT,PRECISION VOLTAGE REFERENCE
REF5020A-Q1 TI1-REF5020A-Q1 Datasheet
888Kb / 19P
LOW-NOISE, VERY LOW DRIFT, PRECISION VOLTAGE REFERENCE
REF5025-HT TI1-REF5025-HT Datasheet
446Kb / 16P
LOW NOISE, VERY LOW DRIFT, PRECISION VOLTAGE REFERENCE
REF5010 TI-REF5010_13 Datasheet
1Mb / 28P
Low-Noise, Very Low Drift, Precision VOLTAGE REFERENCE
REF5050AQDRQ1 TI1-REF5050AQDRQ1 Datasheet
1Mb / 21P
LOW-NOISE, VERY LOW DRIFT, PRECISION VOLTAGE REFERENCE
REF5010 TI-REF5010_15 Datasheet
2Mb / 28P
Low-Noise, Very Low Drift, Precision Voltage Reference
REF5020-EP TI1-REF5020-EP Datasheet
1Mb / 29P
Low-Noise, Very Low Drift, Precision Voltage Reference
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com