Electronic Components Datasheet Search
  English  ▼

X  

REF5045AID Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # REF5045AID
Description  Low-Noise, Very Low Drift, Precision Voltage Reference
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

REF5045AID Datasheet(HTML) 21 Page - Texas Instruments

Back Button REF5045AID Datasheet HTML 17Page - Texas Instruments REF5045AID Datasheet HTML 18Page - Texas Instruments REF5045AID Datasheet HTML 19Page - Texas Instruments REF5045AID Datasheet HTML 20Page - Texas Instruments REF5045AID Datasheet HTML 21Page - Texas Instruments REF5045AID Datasheet HTML 22Page - Texas Instruments REF5045AID Datasheet HTML 23Page - Texas Instruments REF5045AID Datasheet HTML 24Page - Texas Instruments REF5045AID Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 38 page
background image
DNC
VIN
TEMP
GND
DNC
NC
VOUT
TRIM/NR
C
C
R
C
C
REF5010, REF5020, REF5025, REF5030
REF5040, REF5045, REF5050
www.ti.com
SBOS410G – JUNE 2007 – REVISED NOVEMBER 2015
11 Power Supply Recommendations
The REF50xx family of voltage references features extremely low dropout voltage. With the exception of the
REF5020, which has a minimum supply requirement of 2.7 V, these references can be operated with a supply of
200 mV more than the output voltage in an unloaded condition. For loaded conditions, a typical dropout voltage
versus load plot is shown in Figure 6 in the Typical Characteristics. TI recommends a supply bypass capacitor
ranging from 1
μF to 50 μF.
12 Layout
12.1 Layout Guidelines
•
Place the power-supply bypass capacitor as closely as possible to the supply and ground pins. The
recommended value of this bypass capacitor is from 1
μF to 10 μF. If necessary, additional decoupling
capacitance can be added to compensate for noisy or high-impedance power supplies.
•
Place a 1-
μF noise filtering capacitor between the NR pin and ground.
•
The output must be decoupled with a 1-
μF to 50-μF capacitor. In series with load capacitor, add an ESR of 1
Ω for the best noise performance.
•
A high-frequency, 1-
μF capacitor can be added in parallel between the output and ground to filter noise and
help with switching loads as data converters.
12.2 Layout Example
Figure 44. Layout Example
12.3 Power Dissipation
The REF50xx family is specified to deliver current loads of ±10 mA over the specified input voltage range. The
temperature of the device increases according to Equation 4
TJ = TA + PD × θJA
where
•
TJ = Junction temperature (°C)
•
TA = Ambient temperature (°C)
•
PD = Power dissipated (W)
•
θJA = Junction-to-ambient thermal resistance (°C/W)
(4)
The REF50xx junction temperature must not exceed the absolute maximum rating of 150°C.
Copyright © 2007–2015, Texas Instruments Incorporated
Submit Documentation Feedback
21
Product Folder Links: REF5010 REF5020 REF5025 REF5030 REF5040 REF5045 REF5050



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com