Electronic Components Datasheet Search
  English  ▼

X  

AS3693B Datasheet(PDF) 8 Page - ams AG

Part # AS3693B
Description  16 Channel high precision LED driver for LCD Backlight
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3693B Datasheet(HTML) 8 Page - ams AG

Back Button AS3693B Datasheet HTML 4Page - ams AG AS3693B Datasheet HTML 5Page - ams AG AS3693B Datasheet HTML 6Page - ams AG AS3693B Datasheet HTML 7Page - ams AG AS3693B Datasheet HTML 8Page - ams AG AS3693B Datasheet HTML 9Page - ams AG AS3693B Datasheet HTML 10Page - ams AG AS3693B Datasheet HTML 11Page - ams AG AS3693B Datasheet HTML 12Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 33 page
background image
AS3693B
austriami crosyst ems
www.austriamicrosystems.com
Revision 1.21 / 2011-09-30
7 - 32
Symbol
Parameter
Min
Typ
Max
Unit
Note
th_SCLCS
Hold time SCL, CS
15
ns
SPI interface mode
tBUF
Bus free time between
Stop and Start conditions
1.3
us
I2C interface mode
Tsetupstart
Setup time for repeated
Start condition
100
ns
I2C interface mode
Tholdstart
Hold time for repeated
Start condition
160
ns
I2C interface mode
Tsetupstop
Setup time for
Stop condition
160
ns
I2C interface mode
Table 5 – Digital output pins characteristics (SDO)
Symbol
Parameter
Min
Typ
Max
Unit
Note
VOH
High Level Output voltage
2.4
2.5
V
VOL
Low Level Output voltage
-0.3
0.4
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com