Electronic Components Datasheet Search
  English  ▼

X  

AS3693B Datasheet(PDF) 15 Page - ams AG

Part # AS3693B
Description  16 Channel high precision LED driver for LCD Backlight
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3693B Datasheet(HTML) 15 Page - ams AG

Back Button AS3693B Datasheet HTML 11Page - ams AG AS3693B Datasheet HTML 12Page - ams AG AS3693B Datasheet HTML 13Page - ams AG AS3693B Datasheet HTML 14Page - ams AG AS3693B Datasheet HTML 15Page - ams AG AS3693B Datasheet HTML 16Page - ams AG AS3693B Datasheet HTML 17Page - ams AG AS3693B Datasheet HTML 18Page - ams AG AS3693B Datasheet HTML 19Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 33 page
background image
AS3693B
austriami crosyst ems
www.austriamicrosystems.com
Revision 1.21 / 2011-09-30
14 - 32
7.3
PWM – modes
Table 14– PWM CONTROL
Addr: 0fh
PWM_MODE
Controls the different PWM modes and Internal or external PWM
Bit
Bit Name
Default
Access
Description
1:0
PWM_MODE
01
R/W
00 Sync mode
01 Async - mode
10 not used
11 not used
NOTE: Sync mode can only be used with
PWM INT = 0.
2
PWM INT/EXT
1
R/W
0 PWM generator uses external H and Vsync clock
1 PWM generator uses internal 500kHz clock.
3
VSYNC_INVERT
0
R/W
0 VSYNC active high (PWM triggers on rising edge)
1 VSYNC active low (PWM triggers on falling edge)
4
PWMINVERT
0
R/W
0 PWM normal (PWM starts with “1” after delay)
1 PWM inverted(PWM starts with “0” after delay)
Note: If Vsync or Hsync is not used, connect it to GND.
7.3.1
SYNC mode (PWM_MODE = 00)
In this mode the PWM is synchronized with VSYNC and HSYNC.
Delay
Reg: N
Counter
Reg: M
Compare
R
Reset
Vsync
Hsync
Compare
Reg: P
Or
PWM
PWMINVERT( Register 0x0F )
Setup options:
Delay (N) = registers 0h32 to 0h51
High Time (M) = registers 0h12 to 0h31
PWM Period (P) = register 0h10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com