Electronic Components Datasheet Search
  English  ▼

X  

AS3693B Datasheet(PDF) 25 Page - ams AG

Part # AS3693B
Description  16 Channel high precision LED driver for LCD Backlight
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3693B Datasheet(HTML) 25 Page - ams AG

Back Button AS3693B Datasheet HTML 21Page - ams AG AS3693B Datasheet HTML 22Page - ams AG AS3693B Datasheet HTML 23Page - ams AG AS3693B Datasheet HTML 24Page - ams AG AS3693B Datasheet HTML 25Page - ams AG AS3693B Datasheet HTML 26Page - ams AG AS3693B Datasheet HTML 27Page - ams AG AS3693B Datasheet HTML 28Page - ams AG AS3693B Datasheet HTML 29Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 33 page
background image
AS3693B
austriami crosyst ems
www.austriamicrosystems.com
Revision 1.21 / 2011-09-30
24 - 32
8
Register map
Name
Addr
Def
ault
B7
b6
b5
B4
b3
b2
b1
b0
Reg. Control1
01h
00h
Curreg
8_ON
Curreg7
_ON
Curreg6
_ON
Curreg5
_ON
Curreg4
_ON
Curreg
3_ON
Curreg
2_ON
Curreg1
_ON
Reg Control 2
02h
00h
Curreg
16_ON
Curreg1
5_ON
Curreg1
4_ON
Curreg1
3_ON
Curreg1
2_ON
Curreg
11_ON
Curreg
10_ON
Curreg9
_ON
Feedback Control
04h
01h
DCDC_REGULATI
ON_TRIP_POINT
Short_Led Detect
Voltage
SHORT
_DET_
ON
OPEN_
LED
_DET
_ON
Feedba
ck_on_
PWM
FEEDB
ACK_O
N
Fedback Select 1
05h
94h
FB4_ Select
FB3_ Select
FB2_ Select
FB1_Select
Fedback Select 2
06h
94h
FB8_ Select
FB7_ Select
FB6_ Select
FB5_ Select
Fedback Select 3
07h
94h
FB12_ Select
FB11_ Select
FB10_ Select
FB9_ Select
Fedback Select 4
08h
94h
FB16_ Select
FB15_ Select
FB14_ Select
FB13_ Select
Voltage_Fault 1
09h
00h
Fault_Reg4
Fault_Reg3
Fault_Reg2
Fault_Reg1
Voltage_Fault 2
0Ah
00h
Fault_Reg8
Fault_Reg7
Fault_Reg6
Fault_Reg5
Voltage_Fault 3
0Bh
00h
Fault_Reg12
Fault_Reg11
Fault_Reg10
Fault_Reg9
Voltage_Fault 4
0Ch
00h
Fault_Reg16
Fault_Reg15
Fault_Reg14
Fault_Reg13
CURREG_CONTR
OL
0Dh
00h
boost
mode
switch_
output_
driver
PWM_LOW_LEVE
L
RC_SEL
Select Ref
Ref_DAC_Voltage
0Eh
00h
Vref_DAC
PWM –CONTROL
0Fh
04h
PWM
INVER
T
VSYNC
_INVER
T
PWM-
INT/EX
T
PWM - MODE
PWM-
PERIOD_LSB
10h
FFh
PWM –PERIOD - LSB
PWM-PERIOD-
MSB
11h
00h
PWM – period - MSB
Curreg1_HT_LSB
12h
00h
Curreg1_HT_LSB
Curreg1_HT_MSB
13h
00h
Curreg1_HT_MSB
Curreg2_HT_LSB
14h
00h
Curreg2_HT_LSB
Curreg2_HT_MSB
15h
00h
Curreg2_HT_MSB
Curreg3_HT_LSB
16h
00h
Curreg3_HT_LSB
Curreg3_HT_MSB
17h
00h
Curreg3_HT_ MSB
Curreg4_HT_LSB
18h
00h
Curreg4_HT_LSB
Curreg4_HT_MSB
19h
00h
Curreg4_HT_ MSB
Curreg5_HT_LSB
1Ah
00h
Curreg5_HT_LSB
Curreg5_HT_MSB
1Bh
00h
Curreg5_HT_ MSB
Curreg6_HT_LSB
1Ch
00h
Curreg6_HT_LSB
Curreg6_HT_MSB
1Dh
00h
Curreg6_HT_ MSB
Curreg7_HT_LSB
1Eh
00h
Curreg7_HT_LSB
Curreg7_HT_MSB
1Fh
00h
Curreg7_HT_ MSB
Curreg8_HT_LSB
20h
00h
Curreg8_HT_LSB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com