Electronic Components Datasheet Search
  English  ▼

X  

AS3693B Datasheet(PDF) 19 Page - ams AG

Part # AS3693B
Description  16 Channel high precision LED driver for LCD Backlight
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3693B Datasheet(HTML) 19 Page - ams AG

Back Button AS3693B Datasheet HTML 15Page - ams AG AS3693B Datasheet HTML 16Page - ams AG AS3693B Datasheet HTML 17Page - ams AG AS3693B Datasheet HTML 18Page - ams AG AS3693B Datasheet HTML 19Page - ams AG AS3693B Datasheet HTML 20Page - ams AG AS3693B Datasheet HTML 21Page - ams AG AS3693B Datasheet HTML 22Page - ams AG AS3693B Datasheet HTML 23Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 33 page
background image
AS3693B
austriami crosyst ems
www.austriamicrosystems.com
Revision 1.21 / 2011-09-30
18 - 32
Table 20– Curreg1-16_HT_MSB
Addr: 13h-31h
CURREGX_HT_MSB
Defines High Time of PWM
Bit
Bit Name
Default
Access
Description
3:0
Curreg1_HT_MSB
0000
R/W
Defines PWM high time
7.5 Shunt Regulator
The supply of the AS3693B is generated from the high voltage supply. To obtain a 5V regulated supply, a series
resistor Rvdd is used together with an internal zener diode (ZD1). An external capacitor Cvdd is used to filter the
supply on the pin VREG.
The external resistor Rvdd has to be choosen according to the following formula:
This ensures enough supply current (IVREGMAX) for the AS3693B under minimum supply voltage VDDMIN.
If a stable 5V supply within the operating conditions limits of VREGEXT is already existing in the system it is
possible to supply the AS3693B directly. In this case remove the resistor Rvdd and connected this supply
directly to VREG.
7.5.1 Undervoltage lockout
The undervoltage lockout is an additional safety feature to prevent LED-current under abnormal Vreg conditions.
If the supply voltage Vreg is below 2.7V (e.g. device is supplied only by the voltage of the serial interface ) the
registers Reg.Control1 and RegControl2 (0x01 and 0x02) are reset. This turns off all current sinks.
Vreg
2.7V
Register 0x01
Reset
Register 0x02
Reset
3V to 5.4V
7.6 Over temperature control
Table 14– Overtemp Control
Addr:55h
Over temperature Control
Controls the temperature functions
Bit
Bit Name
Default
Access
Description
0
overtemp_on
1
R/W
Enables the over temperature protection
0 = Protection off
1 = Protection on
1
ov_temp
0
R/W
Displays temperature status
0 = Normal operation
1 = Over temperature shutdown
mA
V
VDD
Rvdd
MIN
20
4
,
5
−
=
VDDMIN is the minimum voltage of the
supply, where Rvdd is connected



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com