Electronic Components Datasheet Search
  English  ▼

X  

AS3955 Datasheet(PDF) 79 Page - ams AG

Part # AS3955
Description  NFC Forum Compliant Dynamic Tag
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3955 Datasheet(HTML) 79 Page - ams AG

Back Button AS3955 Datasheet HTML 75Page - ams AG AS3955 Datasheet HTML 76Page - ams AG AS3955 Datasheet HTML 77Page - ams AG AS3955 Datasheet HTML 78Page - ams AG AS3955 Datasheet HTML 79Page - ams AG AS3955 Datasheet HTML 80Page - ams AG AS3955 Datasheet HTML 81Page - ams AG AS3955 Datasheet HTML 82Page - ams AG AS3955 Datasheet HTML 83Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 111 page
background image
ams Datasheet
Page 79
[v1-01] 2015-Apr-29
Document Feedback
AS3955 − Register Description
Interrupt Registers
Figure 89:
Mask Interrupt Register 0
Note(s) and/or Footnote(s):
1. The mask bits only mask the triggering of the physical interrupt line. The interrupt bits in the Interrupt register still get set when
the interrupt is masked.
2. Default values are loaded from EEPROM configuration block bits (MIRQ_0).
Figure 90:
Mask Interrupt Register 1
Note(s) and/or Footnote(s):
1. The mask bits only mask the triggering of the physical interrupt line. The interrupt bits in the Interrupt register still get set when
the interrupt is masked.
2. Default values are loaded from EEPROM configuration block bits (MIRQ_1).
Address 08h:
Mask Interrupt 0 (1)
Bit
Name
Default
Function
Type
7M_pu
see note (2)
Mask I_pu IRQ
RW
6
M_wu_a
Mask I_wu_a IRQ
RW
5
M_slp
Mask I_slp IRQ
RW
4
M_eew_rf
Mask I_eew_rf IRQ
RW
3
M_eer_rf
Mask I_eer_rf IRQ
RW
2
M_rxe
Mask I_rxe IRQ
RW
1
M_txe
Mask I_txe IRQ
RW
0
M_xrf
Mask I_xrf IRQ
RW
Address 09h:
Mask Interrupt 1 (1)
Bit
Name
Default
Function
Type
7M_rxs
see note (2)
Mask I_rxs IRQ
RW
6
M_frm_err
Mask I_frm_err IRQ
RW
5
M_par_err
Mask I_par_err IRQ
RW
4
M_crc_err
Mask I_crc_err IRQ
RW
3
M_bf_err
Mask I_bf_err IRQ
RW
2
M_io_eewr
Mask I_io_eewr IRQ
RW
1
M_eeac_err
Mask I_eeac_err IRQ
RW
0
M_acc_err
Mask I_acc_err IRQ
RW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com