Electronic Components Datasheet Search
  English  ▼

X  

AS3955 Datasheet(PDF) 84 Page - ams AG

Part # AS3955
Description  NFC Forum Compliant Dynamic Tag
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3955 Datasheet(HTML) 84 Page - ams AG

Back Button AS3955 Datasheet HTML 80Page - ams AG AS3955 Datasheet HTML 81Page - ams AG AS3955 Datasheet HTML 82Page - ams AG AS3955 Datasheet HTML 83Page - ams AG AS3955 Datasheet HTML 84Page - ams AG AS3955 Datasheet HTML 85Page - ams AG AS3955 Datasheet HTML 86Page - ams AG AS3955 Datasheet HTML 87Page - ams AG AS3955 Datasheet HTML 88Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 111 page
background image
Page 84
ams Datasheet
Document Feedback
[v1-01] 2015-Apr-29
AS3955 − Application Information
This section describes some general use cases of AS3955 in
combination with a microcontroller. The examples are shown
for explanatory purposes of specific AS3955 features. Detailed
descriptions of specific implementations are subject of
dedicated Application Notes.
Writing a NDEF Message into AS3955 Memory
AS3955 is an NFC Forum Type 2 Tag Platform and as such its
memory has to have the layout defined in NFC Forum Type 2
Tag Operation Specification. In a Type 2 Tag platform data is
stored in memory in the form of TLV blocks. A TLV block has
three fields: T field – tag field, L field – length field and
V field – value field.
• T field – indicates the type of the TLV block and is one byte
long.
• L field – gives the size in bytes of the value field. It’s 1 or
3 bytes long depending on the size of the value filed. When
the size of the value field is between 0 and 254 bytes, the
L field is one byte long and has a value between 00h and
FEh. For sizes of the value field between 255 and 65535
bytes, the L field is 3 bytes long. First byte is FFh indicating
that the size will be provided by the following two bytes
that can have values between 00FFh and FFFEh.
• V field – holds the bytes of the data carried by the TLV
block. When the L field is zero or not present, the V field
is omitted.
For NDEF messages the TLV block has a T field value of 03h and
the message is stored inside the V field. The NDEF Message TLV
should always be present in a T2T platform and at a minimum
it is an empty NDEF Message TLV, which is defined as an NDEF
Message TLV with L field equal 00h and no V field. For the NDEF
message format refer to NFC Data Exchange Format Technical
Specification.
Two more TLV types can exist in the memory, these are Lock
Control TLV and Memory Control TLV. When they are present
inside the memory, the NDEF Message TLV should be placed
after them.
Another structure that has to be present in the memory of T2T
platform is the Capability Container (CC). CC contains NFC
Forum management data. It is comprised of 4 bytes and always
resides at block number 03h of the memory.
The AS3955 comes with programmed CC (refer to Capability
Container in the section Memory Organization of this
datasheet), no Lock Control TLV and no Memory Control TLV.
The NDEF Message TLV then can be placed already at the
beginning of the data area of the memory - block 04h.
Application Information



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com