Electronic Components Datasheet Search
  English  ▼

X  

AS3955 Datasheet(PDF) 88 Page - ams AG

Part # AS3955
Description  NFC Forum Compliant Dynamic Tag
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3955 Datasheet(HTML) 88 Page - ams AG

Back Button AS3955 Datasheet HTML 84Page - ams AG AS3955 Datasheet HTML 85Page - ams AG AS3955 Datasheet HTML 86Page - ams AG AS3955 Datasheet HTML 87Page - ams AG AS3955 Datasheet HTML 88Page - ams AG AS3955 Datasheet HTML 89Page - ams AG AS3955 Datasheet HTML 90Page - ams AG AS3955 Datasheet HTML 91Page - ams AG AS3955 Datasheet HTML 92Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 88 / 111 page
background image
Page 88
ams Datasheet
Document Feedback
[v1-01] 2015-Apr-29
AS3955 − Application Information
break;
case 0x30: // T2T read
case 0xA2: // T2T write
case 0xC2: // T2T sector select
case 0x60: // AS3955 GET_VERSION
break;
default:
//unexpected frame, send the tag to SLEEP/SENSE state
err = as3955DirectCommand(0xD2);
break;
}
}
Further, the MCU should implement the ISO14443A-4 block
transmission protocol; Select, ReadBinary and UpdateBinary
commands from ISO/IEC 7816-4.
ISO14443A-4 block transmission protocol
#define ISO14443_4_PCB_I
0x02
/*!< ISO14443_4 Data Link Layer Head-er I-block. */
#define ISO14443_4_PCB_I_MASK
0xC6
/*!< ISO14443_4 I-block Header Mask, NAD not supported. */
// added the RFU for the EMVco tests
#define ISO14443_4_PCB_I_CHAINING
0x10
/*!< ISO14443_4 I-block chaining bit. */
#define ISO14443_4_PCB_R
0xa2
/*!< ISO14443_4 Data Link Layer Head-er R-block. */
#define ISO14443_4_PCB_RACK
ISO14443_4_PCB_R
/*!< ISO14443_4 Data Link Layer R(ACK) */
#define ISO14443_4_PCB_R_MASK
0xe6
/*!< ISO14443_4 R-block Header Mask */
#define ISO14443_4_PCB_R_NAK_BIT
0x10
/*!< ISO14443_4 R-block NAK bit */
#define ISO14443_4_PCB_S
0xc0
/*!< ISO14443_4 Data Link Layer Head-er S-block. */
#define ISO14443_4_PCB_S_WTX_MASK 0xf2
/*!< ISO14443_4 S-block Header Mask */
#define ISO14443_4_PCB_S_MASK
0xc2
/*!< ISO14443_4 S-block Header Mask */
s8 handleL4Cmd()
{
s8 err = ERR_NONE;
u8 pcb;
/* read the current frame from the HF-interface */
err = as3955RxNBytes(rxBuffer.data, AS3955_RX_TX_BUFFER_SIZE, &rxBuffer.size);
if (rxBuffer.data[0] & ISO14443_4_PCB_CID_BIT)
{
if (l4Config.cid != rxBuffer.data[1])
{
//Wrong CID;
return ERR_NONE;
}
else
{
/* Reply with CID */



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com