Electronic Components Datasheet Search
  English  ▼

X  

AS3955 Datasheet(PDF) 55 Page - ams AG

Part # AS3955
Description  NFC Forum Compliant Dynamic Tag
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3955 Datasheet(HTML) 55 Page - ams AG

Back Button AS3955 Datasheet HTML 51Page - ams AG AS3955 Datasheet HTML 52Page - ams AG AS3955 Datasheet HTML 53Page - ams AG AS3955 Datasheet HTML 54Page - ams AG AS3955 Datasheet HTML 55Page - ams AG AS3955 Datasheet HTML 56Page - ams AG AS3955 Datasheet HTML 57Page - ams AG AS3955 Datasheet HTML 58Page - ams AG AS3955 Datasheet HTML 59Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 111 page
background image
ams Datasheet
Page 55
[v1-01] 2015-Apr-29
Document Feedback
AS3955 − Detailed Description
Wired Interfaces
AS3955 host interface can be configured to be either SPI or I²C
at production (Fabrication Data FAB_CFG0). In both cases, the
/SS signal is also used to control the IC power state. By pulling
the /SS low, the chip interface or the chip itself is enabled /
powered (see Power Management). Note that interrupting SPI
/ I²C operations or issuing incomplete command sequence from
the MCU may result in corrupted data content. For more
information on EEPROM and buffer data reading and writing
see EEPROM Read and Write and Data Buffer sections.
SPI / I²C Access Modes
Figure 56:
Access Modes
Mode
MODE Byte (com. bits)
MODE Related Data
MODE
Trailer
M2
M1
M0
C4
C3
C2
C1
C0
Register Write
0
0
0
A4
A3
A2
A1
A0
Data byte(s)
Register Read
0
0
1
A4
A3
A2
A1
A0
Data byte(s)
EEPROM Write
0
1
0
00
000
Block Address
byte
4 bytes of block
data
EEPROM Read
0
1
1
11
111
Block Address
byte
N*4 bytes
Buffer Load
1
0
0
xxx
xx
Data byte(s)
Buffer Read
1
0
1
xxx
xx
Data byte(s)
COMMAND Mode
1
1
C5
C4
C3
C2
C1
C0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com