Electronic Components Datasheet Search
  English  ▼

X  

TL431ACDBVT Datasheet(PDF) 20 Page - Texas Instruments

Click here to check the latest version.
Part # TL431ACDBVT
Description  Precision Programmable Reference
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TL431ACDBVT Datasheet(HTML) 20 Page - Texas Instruments

Back Button TL431ACDBVT Datasheet HTML 16Page - Texas Instruments TL431ACDBVT Datasheet HTML 17Page - Texas Instruments TL431ACDBVT Datasheet HTML 18Page - Texas Instruments TL431ACDBVT Datasheet HTML 19Page - Texas Instruments TL431ACDBVT Datasheet HTML 20Page - Texas Instruments TL431ACDBVT Datasheet HTML 21Page - Texas Instruments TL431ACDBVT Datasheet HTML 22Page - Texas Instruments TL431ACDBVT Datasheet HTML 23Page - Texas Instruments TL431ACDBVT Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 74 page
background image
TL431, TL431A, TL431B
TL432, TL432A, TL432B
SLVS543O – AUGUST 2004 – REVISED JANUARY 2015
www.ti.com
9.3 Feature Description
TL43xx consists of an internal reference and amplifier that outputs a sink current base on the difference between
the reference pin and the virtual internal pin. The sink current is produced by the internal Darlington pair, shown
in the above schematic (Figure 24). A Darlington pair is used in order for this device to be able to sink a
maximum current of 100 mA.
When operated with enough voltage headroom (
≥ 2.5 V) and cathode current (IKA), TL431 forces the reference
pin to 2.5 V. However, the reference pin can not be left floating, as it needs IREF ≥ 4 µA (please see Electrical
Characteristics, TL431C, TL432C). This is because the reference pin is driven into an npn, which needs base
current in order operate properly.
When feedback is applied from the Cathode and Reference pins, TL43xx behaves as a Zener diode, regulating
to a constant voltage dependent on current being supplied into the cathode. This is due to the internal amplifier
and reference entering the proper operating regions. The same amount of current needed in the above feedback
situation must be applied to this device in open loop, servo or error amplifying implementations in order for it to
be in the proper linear region giving TL43xx enough gain.
Unlike many linear regulators, TL43xx is internally compensated to be stable without an output capacitor
between the cathode and anode. However, if it is desired to use an output capacitor Figure 24 can be used as a
guide to assist in choosing the correct capacitor to maintain stability.
9.4 Device Functional Modes
9.4.1 Open Loop (Comparator)
When the cathode/output voltage or current of TL43xx is not being fed back to the reference/input pin in any
form, this device is operating in open loop. With proper cathode current (Ika) applied to this device, TL43xx will
have the characteristics shown in Figure 23. With such high gain in this configuration, TL43xx is typically used as
a comparator. With the reference integrated makes TL43xx the prefered choice when users are trying to monitor
a certain level of a single signal.
9.4.2 Closed Loop
When the cathode/output voltage or current of TL43xx is being fed back to the reference/input pin in any form,
this device is operating in closed loop. The majority of applications involving TL43xx use it in this manner to
regulate a fixed voltage or current. The feedback enables this device to behave as an error amplifier, computing
a portion of the output voltage and adjusting it to maintain the desired regulation. This is done by relating the
output voltage back to the reference pin in a manner to make it equal to the internal reference voltage, which can
be accomplished via resistive or direct feedback.
20
Submit Documentation Feedback
Copyright © 2004–2015, Texas Instruments Incorporated
Product Folder Links: TL431 TL431A TL431B TL432 TL432A TL432B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com