Electronic Components Datasheet Search
  English  ▼

X  

TL431ACDBVT Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TL431ACDBVT
Description  Precision Programmable Reference
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TL431ACDBVT Datasheet(HTML) 1 Page - Texas Instruments

  TL431ACDBVT Datasheet HTML 1Page - Texas Instruments TL431ACDBVT Datasheet HTML 2Page - Texas Instruments TL431ACDBVT Datasheet HTML 3Page - Texas Instruments TL431ACDBVT Datasheet HTML 4Page - Texas Instruments TL431ACDBVT Datasheet HTML 5Page - Texas Instruments TL431ACDBVT Datasheet HTML 6Page - Texas Instruments TL431ACDBVT Datasheet HTML 7Page - Texas Instruments TL431ACDBVT Datasheet HTML 8Page - Texas Instruments TL431ACDBVT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 74 page
background image
Vref
Input
VKA
IKA
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
TL431, TL431A, TL431B
TL432, TL432A, TL432B
SLVS543O – AUGUST 2004 – REVISED JANUARY 2015
TL43xx Precision Programmable Reference
1 Features
3 Description
The TL431 and TL432 devices are three-terminal
1
•
Reference Voltage Tolerance at 25°C
adjustable shunt regulators, with specified thermal
–
0.5% (B Grade)
stability over applicable automotive, commercial, and
–
1% (A Grade)
military temperature ranges. The output voltage can
be set to any value between Vref (approximately
–
2% (Standard Grade)
2.5 V) and 36 V, with two external resistors. These
•
Adjustable Output Voltage: Vref to 36 V
devices have a typical output impedance of 0.2
Ω.
•
Operation From
−40°C to 125°C
Active output circuitry provides a very sharp turn-on
characteristic,
making
these
devices
excellent
•
Typical Temperature Drift (TL431B)
replacements for Zener diodes in many applications,
–
6 mV (C Temp)
such
as
onboard
regulation,
adjustable
power
–
14 mV (I Temp, Q Temp)
supplies, and switching power supplies. The TL432
•
Low Output Noise
device
has
exactly
the
same
functionality
and
electrical specifications as the TL431 device, but has
•
0.2-
Ω Typical Output Impedance
different pinouts for the DBV, DBZ, and PK packages.
•
Sink-Current Capability: 1 mA to 100 mA
Both the TL431 and TL432 devices are offered in
•
three grades, with initial tolerances (at 25°C) of 0.5%,
2 Applications
1%, and 2%, for the B, A, and standard grade,
•
Adjustable Voltage and Current Referencing
respectively. In addition, low output drift versus
temperature ensures good stability over the entire
•
Secondary Side Regulation in Flyback SMPSs
temperature range.
•
Zener Replacement
The TL43xxC devices are characterized for operation
•
Voltage Monitoring
from
0°C
to
70°C,
the
TL43xxI
devices
are
•
Comparator with Integrated Reference
characterized for operation from –40°C to 85°C, and
the TL43xxQ devices are characterized for operation
from –40°C to 125°C.
Device Information(1)
PART NUMBER
PACKAGE (PIN)
BODY SIZE (NOM)
SOT-23-3 (3)
2.90 mm x 1.30 mm
SOT-23-5 (5)
2.90 mm x 1.60 mm
TL43xx
SOIC (8)
4.90 mm x 3.90 mm
PDIP (8)
9.50 mm x 6.35 mm
SOP (8)
6.20 mm x 5.30 mm
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
4 Simplified Schematic
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - TL431ACDBVT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TL431ACDBVT TI-TL431ACDBVT Datasheet
795Kb / 41P
ADJUSTABLE PRECISION SHUNT REGULATORS
TL431ACDBVT TI-TL431ACDBVT Datasheet
787Kb / 40P
ADJUSTABLE PRECISION SHUNT REGULATORS
TL431ACDBVT TI-TL431ACDBVT Datasheet
1Mb / 61P
ADJUSTABLE PRECISION SHUNT REGULATORS
TL431ACDBVT TI-TL431ACDBVT Datasheet
1Mb / 56P
ADJUSTABLE PRECISION SHUNT REGULATORS
TL431ACDBVT TI-TL431ACDBVT Datasheet
1Mb / 67P
ADJUSTABLE PRECISION SHUNT REGULATORS
More results

Similar Description - TL431ACDBVT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TL431_102 TI-TL431_102 Datasheet
1Mb / 76P
PRECISION PROGRAMMABLE REFERENCE
logo
Weitron Technology
WT431LT1 WEITRON-WT431LT1 Datasheet
591Kb / 5P
PROGRAMMABLE PRECISION REFERENCE
logo
Unisonic Technologies
TL431L UTC-TL431L_11 Datasheet
231Kb / 6P
PROGRAMMABLE PRECISION REFERENCE
logo
Texas Instruments
TL1431 TI1-TL1431_12 Datasheet
812Kb / 27P
PRECISION PROGRAMMABLE REFERENCE
TL1431M TI-TL1431M_15 Datasheet
1Mb / 32P
PRECISION PROGRAMMABLE REFERENCE
TL1431-Q1 TI-TL1431-Q1_15 Datasheet
232Kb / 19P
PRECISION PROGRAMMABLE REFERENCE
logo
Unisonic Technologies
TL431H UTC-TL431H Datasheet
197Kb / 6P
PROGRAMMABLE PRECISION REFERENCE
logo
Hangzhou Youwang Electr...
UTC431 YOUWANG-UTC431 Datasheet
97Kb / 4P
PROGRAMMABLE PRECISION REFERENCE
logo
Dongguan Pingjingsemi T...
TL432 PJSEMI-TL432 Datasheet
1Mb / 4P
Programmable Precision Reference
logo
Shanghai Leiditech Elec...
LR431ATLT1G LEIDITECH-LR431ATLT1G Datasheet
831Kb / 5P
PROGRAMMABLE PRECISION REFERENCE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com