Electronic Components Datasheet Search
  English  ▼

X  

TL431ACDBVT Datasheet(PDF) 22 Page - Texas Instruments

Click here to check the latest version.
Part # TL431ACDBVT
Description  Precision Programmable Reference
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TL431ACDBVT Datasheet(HTML) 22 Page - Texas Instruments

Back Button TL431ACDBVT Datasheet HTML 18Page - Texas Instruments TL431ACDBVT Datasheet HTML 19Page - Texas Instruments TL431ACDBVT Datasheet HTML 20Page - Texas Instruments TL431ACDBVT Datasheet HTML 21Page - Texas Instruments TL431ACDBVT Datasheet HTML 22Page - Texas Instruments TL431ACDBVT Datasheet HTML 23Page - Texas Instruments TL431ACDBVT Datasheet HTML 24Page - Texas Instruments TL431ACDBVT Datasheet HTML 25Page - Texas Instruments TL431ACDBVT Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 74 page
background image
TL431, TL431A, TL431B
TL432, TL432A, TL432B
SLVS543O – AUGUST 2004 – REVISED JANUARY 2015
www.ti.com
Typical Applications (continued)
10.2.1.1 Design Requirements
For this design example, use the parameters listed in Table 1 as the input parameters.
Table 1. Design Parameters
DESIGN PARAMETER
EXAMPLE VALUE
Input Voltage Range
0 V to 5 V
Input Resistance
10 k
Ω
Supply Voltage
24 V
Cathode Current (Ik)
5 mA
Output Voltage Level
~2 V – VSUP
Logic Input Thresholds VIH/VIL
VL
10.2.1.2 Detailed Design Procedure
When using TL431 as a comparator with reference, determine the following:
•
Input Voltage Range
•
Reference Voltage Accuracy
•
Output logic input high and low level thresholds
•
Current Source resistance
10.2.1.2.1
Basic Operation
In the configuration shown in Figure 25 TL431 will behave as a comparator, comparing the VREF pin voltage to
the internal virtual reference voltage. When provided a proper cathode current (IK), TL43xx will have enough
open loop gain to provide a quick response. This can be seen in Figure 26, where the RSUP=10 kΩ (IKA=500 µA)
situation responds much slower than RSUP=1 kΩ (IKA=5 mA). With the TL43xx's max Operating Current (IMIN)
being 1 mA, operation below that could result in low gain, leading to a slow response.
10.2.1.2.1.1
Overdrive
Slow or inaccurate responses can also occur when the reference pin is not provided enough overdrive voltage.
This is the amount of voltage that is higher than the internal virtual reference. The internal virtual reference
voltage will be within the range of 2.5 V ±(0.5%, 1.0% or 1.5%) depending on which version is being used. The
more overdrive voltage provided, the faster the TL431 will respond.
For applications where TL431 is being used as a comparator, it is best to set the trip point to greater than the
positive expected error (i.e. +1.0% for the A version). For fast response, setting the trip point to >10% of the
internal VREF should suffice.
For minimal voltage drop or difference from Vin to the ref pin, it is recommended to use an input resistor <10k
Ω
to provide Iref.
22
Submit Documentation Feedback
Copyright © 2004–2015, Texas Instruments Incorporated
Product Folder Links: TL431 TL431A TL431B TL432 TL432A TL432B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com