Electronic Components Datasheet Search
  English  ▼

X  

TL431ACDBVT Datasheet(PDF) 15 Page - Texas Instruments

Click here to check the latest version.
Part # TL431ACDBVT
Description  Precision Programmable Reference
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TL431ACDBVT Datasheet(HTML) 15 Page - Texas Instruments

Back Button TL431ACDBVT Datasheet HTML 11Page - Texas Instruments TL431ACDBVT Datasheet HTML 12Page - Texas Instruments TL431ACDBVT Datasheet HTML 13Page - Texas Instruments TL431ACDBVT Datasheet HTML 14Page - Texas Instruments TL431ACDBVT Datasheet HTML 15Page - Texas Instruments TL431ACDBVT Datasheet HTML 16Page - Texas Instruments TL431ACDBVT Datasheet HTML 17Page - Texas Instruments TL431ACDBVT Datasheet HTML 18Page - Texas Instruments TL431ACDBVT Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 74 page
background image
9 µF
GND
Output
232 Ω
8.25 kΩ
IKA
15 kΩ
+
−
IKA = 10 mA
TA = 25°C
1 k
10 k
100 k
1 M
10 M
0
10
20
30
50
60
40
f − Frequency − Hz
IKA = 10 mA
TA = 25°C
19.1 V
VCC
TLE2027
TLE2027
AV = 10 V/mV
VEE
0.1 µF
160 kΩ
820 Ω
(DUT)
TL431
16 Ω
910 Ω
2000 µF
1 kΩ
VEE
VCC
1 µF
16 kΩ
16 kΩ
1 µF
33 kΩ
33 kΩ
AV = 2 V/V
22 µF
500 µF
To
Oscilloscope
+
−
+
−
180
140
120
100
10
100
1 k
220
240
f − Frequency − Hz
260
10 k
100 k
200
160
IO = 10 mA
TA = 25°C
16
−1
−2
−4
−5
−6
3
−3
0
1
2
3
4
5
6
1
0
2
4
7
8
9
10
5
6
t − Time − s
f = 0.1 to 10 Hz
IKA = 10 mA
TA = 25°C
TL431, TL431A, TL431B
TL432, TL432A, TL432B
www.ti.com
SLVS543O – AUGUST 2004 – REVISED JANUARY 2015
Typical Characteristics (continued)
Figure 8. Equivalent Input Noise Voltage Over a 10-S Period
Figure 7. Equivalent Input Noise Voltage vs Frequency
Figure 9. Test Circuit for Equivalent Input Noise Voltage Over a 10-S Period
Figure 10. Small-Signal Voltage Amplification
vs Frequency
Figure 11. Test Circuit for Voltage Amplification
Copyright © 2004–2015, Texas Instruments Incorporated
Submit Documentation Feedback
15
Product Folder Links: TL431 TL431A TL431B TL432 TL432A TL432B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com