Electronic Components Datasheet Search
  English  ▼

X  

TMP102 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # TMP102
Description  Low-Power Digital Temperature Sensor
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMP102 Datasheet(HTML) 2 Page - Texas Instruments

  TMP102 Datasheet HTML 1Page - Texas Instruments TMP102 Datasheet HTML 2Page - Texas Instruments TMP102 Datasheet HTML 3Page - Texas Instruments TMP102 Datasheet HTML 4Page - Texas Instruments TMP102 Datasheet HTML 5Page - Texas Instruments TMP102 Datasheet HTML 6Page - Texas Instruments TMP102 Datasheet HTML 7Page - Texas Instruments TMP102 Datasheet HTML 8Page - Texas Instruments TMP102 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 30 page
background image
TMP102
SBOS397F – AUGUST 2007 – REVISED DECEMBER 2015
www.ti.com
Table of Contents
7.4
Device Functional Modes........................................ 13
1
Features .................................................................. 1
7.5
Programming........................................................... 14
2
Applications ........................................................... 1
8
Application and Implementation ........................ 20
3
Description ............................................................. 1
8.1
Application Information............................................ 20
4
Revision History..................................................... 2
8.2
Typical Application .................................................. 20
5
Pin Configuration and Functions ......................... 3
9
Power Supply Recommendations ...................... 22
6
Specifications......................................................... 3
10
Layout................................................................... 22
6.1
Absolute Maximum Ratings ..................................... 3
10.1
Layout Guidelines ................................................. 22
6.2
Handling Ratings....................................................... 3
10.2
Layout Example .................................................... 22
6.3
Recommended Operating Conditions ....................... 4
11
Device and Documentation Support ................. 23
6.4
Thermal Information .................................................. 4
11.1
Documentation Support ....................................... 23
6.5
Electrical Characteristics........................................... 4
11.2
Community Resources.......................................... 23
6.6
Timing Requirements ............................................... 5
11.3
Trademarks ........................................................... 23
6.7
Typical Characteristics .............................................. 6
11.4
Electrostatic Discharge Caution ............................ 23
7
Detailed Description .............................................. 7
11.5
Glossary ................................................................ 23
7.1
Overview ................................................................... 7
12
Mechanical, Packaging, and Orderable
7.2
Functional Block Diagram ......................................... 7
Information ........................................................... 23
7.3
Feature Description................................................... 7
4 Revision History
NOTE: Page numbers for previous revisions may differ from page numbers in the current version.
Changes from Revision E (April 2015) to Revision F
Page
•
Added TI Design .................................................................................................................................................................... 1
•
Added NIST Features bullet .................................................................................................................................................. 1
•
Added last paragraph of Description section ......................................................................................................................... 1
Changes from Revision D (December 2014) to Revision E
Page
•
Changed the MAX value for the Supply voltage from 3.6 to 4 in the Absolute Maximum Ratings table ............................... 3
•
Changed MIN, TYP, and MAX values for the Temperature Accuracy (temperature error) parameter .................................. 4
•
Changed the frequency from 2.85 to 3.4 MHz in the POWER SUPPLY section of the Electrical Characteristics table ....... 5
•
Changed the Temperature Error vs Temperature graph in the Typical Characteristics section ............................................ 6
•
Changed the Temperature Error at 25°C graph in the Typical Characteristics section ......................................................... 6
Changes from Revision C (October 2012) to Revision D
Page
•
Added Handling Rating table, Feature Description section, Device Functional Modes, Application and
Implementation section, Power Supply Recommendations section, Layout section, Device and Documentation
Support section, and Mechanical, Packaging, and Orderable Information section ............................................................... 3
•
Changed parameters in Timing Requirements ...................................................................................................................... 5
Changes from Revision B (October 2008) to Revision C
Page
•
Changed values for Data Hold Time parameter in Timing Requirements .......................................................................... 11
2
Submit Documentation Feedback
Copyright © 2007–2015, Texas Instruments Incorporated
Product Folder Links: TMP102



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com