Electronic Components Datasheet Search
  English  ▼

X  

TMP102 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # TMP102
Description  Low-Power Digital Temperature Sensor
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMP102 Datasheet(HTML) 13 Page - Texas Instruments

Back Button TMP102 Datasheet HTML 9Page - Texas Instruments TMP102 Datasheet HTML 10Page - Texas Instruments TMP102 Datasheet HTML 11Page - Texas Instruments TMP102 Datasheet HTML 12Page - Texas Instruments TMP102 Datasheet HTML 13Page - Texas Instruments TMP102 Datasheet HTML 14Page - Texas Instruments TMP102 Datasheet HTML 15Page - Texas Instruments TMP102 Datasheet HTML 16Page - Texas Instruments TMP102 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 30 page
background image
Startup
Startof
Conversion
Delay
(1)
26ms
26ms
NOTE:(1)ThevalueofA0andA1aredeterminedbytheADD0pin.
Frame1SMBusALERTResponseAddressByte
Frame2SlaveAddressFrom Device
StartBy
Master
ACKBy
Device
From
Device
NACKBy
Master
StopBy
Master
1
9
1
9
SDA
SCL
ALERT
0
0
0
1
1
0
0
R/W
1
0
0
1
A1
A0
Status
TMP102
www.ti.com
SBOS397F – AUGUST 2007 – REVISED DECEMBER 2015
Figure 10. Timing Diagram for SMBus Alert
7.4 Device Functional Modes
7.4.1 Continuos-Conversion Mode
The default mode of the TMP102 device is continuos conversion mode. During continuos-conversion mode, the
ADC performs continuos temperature conversions and stores each results to the temperature register,
overwriting the result from the previous conversion. The conversion rate bits, CR1 and CR0, configure the
TMP102 device for conversion rates of 0.25 Hz, 1 Hz, 4 Hz, or 8 Hz. The default rate is 4 Hz. The TMP102
device has a typical conversion time of 26 ms. To achieve different conversion rates, the TMP102 device makes
a conversion and then powers down to wait for the appropriate delay set by CR1 and CR0. Table 5 lists the
settings for CR1 and CR0.
Table 5. Conversion Rate Settings
CR1
CR0
CONVERSION RATE
0
0
0.25 Hz
0
1
1 Hz
1
0
4 Hz (default)
1
1
8 Hz
After power-up or general-call reset, the TMP102 immediately starts a conversion, as shown in Figure 11. The
first result is available after 26 ms (typical). The active quiescent current during conversion is 40
μA (typical at
+27°C). The quiescent current during delay is 2.2
μA (typical at +27°C).
(1)
Delay is set by CR1 and CR0.
Figure 11. Conversion Start
7.4.2 Extended Mode (EM)
The Extended-Mode bit configures the device for Normal mode operation (EM = 0) or Extended mode operation
(EM = 1). In Normal mode, the Temperature Register and high- and low-limit registers use a 12-bit data format.
Normal mode is used to make the TMP102 device compatible with the TMP75 device.
Extended mode (EM = 1) allows measurement of temperatures above 128°C by configuring the Temperature
Register, and high- and low-limit registers for 13-bit data format.
Copyright © 2007–2015, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Links: TMP102



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com