Electronic Components Datasheet Search
  English  ▼

X  

TMP102 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # TMP102
Description  Low-Power Digital Temperature Sensor
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMP102 Datasheet(HTML) 5 Page - Texas Instruments

  TMP102 Datasheet HTML 1Page - Texas Instruments TMP102 Datasheet HTML 2Page - Texas Instruments TMP102 Datasheet HTML 3Page - Texas Instruments TMP102 Datasheet HTML 4Page - Texas Instruments TMP102 Datasheet HTML 5Page - Texas Instruments TMP102 Datasheet HTML 6Page - Texas Instruments TMP102 Datasheet HTML 7Page - Texas Instruments TMP102 Datasheet HTML 8Page - Texas Instruments TMP102 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 30 page
background image
TMP102
www.ti.com
SBOS397F – AUGUST 2007 – REVISED DECEMBER 2015
Electrical Characteristics (continued)
At TA = 25°C and VS = 1.4 to 3.6 V, unless otherwise noted.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
POWER SUPPLY
Operating supply range
+1.4
+3.6
V
Serial bus inactive, CR1 = 1, CR0 =
7
10
0 (default)
Serial bus active, SCL frequency =
IQ
Average quiescent current
15
μA
400 kHz
Serial bus active, SCL frequency =
85
3.4 MHz
Serial bus inactive
0.5
1
Serial bus active, SCL frequency =
10
ISD
Shutdown current
400 kHz
μA
Serial bus active, SCL frequency =
80
3.4 MHz
TEMPERATURE
Specified range
–40
125
°C
Operating range
–55
150
°C
6.6 Timing Requirements
See the Timing Diagrams section for additional information.
FAST MODE
HIGH-SPEED MODE
UNIT
MIN
TYP
MAX
MIN
TYP
MAX
ƒ(SCL)
SCL operating frequency
V+
0.001
0.4
0.001
2.85
MHz
Bus-free time between STOP and
t(BUF)
600
160
ns
START condition
Hold time after repeated START
condition.
t(HDSTA)
600
160
ns
After this period, the first clock is
generated.
See Figure 7
t(SUSTA)
repeated start condition setup time
600
160
ns
t(SUSTO) STOP condition setup time
600
160
ns
t(HDDAT) Data hold time
100
900
25
105
ns
t(SUDAT)
Data setup time
100
25
ns
t(LOW)
SCL-clock low period
V+ , see Figure 7
1300
210
ns
t(HIGH)
SCL-clock high period
See Figure 7
600
60
ns
tFD
Data fall time
See Figure 7
300
80
ns
See Figure 7
300
ns
tRD
Data rise time
SCLK
≤ 100 kHz,
1000
ns
see Figure 7
tFC
Clock fall time
See Figure 7
300
40
ns
tRC
Clock rise time
See Figure 7
300
40
ns
Copyright © 2007–2015, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: TMP102



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com