Electronic Components Datasheet Search
  English  ▼

X  

TMP102 Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # TMP102
Description  Low-Power Digital Temperature Sensor
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMP102 Datasheet(HTML) 21 Page - Texas Instruments

Back Button TMP102 Datasheet HTML 17Page - Texas Instruments TMP102 Datasheet HTML 18Page - Texas Instruments TMP102 Datasheet HTML 19Page - Texas Instruments TMP102 Datasheet HTML 20Page - Texas Instruments TMP102 Datasheet HTML 21Page - Texas Instruments TMP102 Datasheet HTML 22Page - Texas Instruments TMP102 Datasheet HTML 23Page - Texas Instruments TMP102 Datasheet HTML 24Page - Texas Instruments TMP102 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 30 page
background image
Time (s)
-1
1
3
5
7
9
11
13
15
17
19
25
30
35
40
45
50
55
60
65
70
75
80
85
90
95
100
Device
SCL
SDA
GND
V+
ALERT
ADD0
C
(F)
10 nF
≥
R
(F)
5 k
≤
Supply Voltage
TMP102
www.ti.com
SBOS397F – AUGUST 2007 – REVISED DECEMBER 2015
Typical Application (continued)
The TMP102 device is a very low-power device and generates very low noise on the supply bus. Applying an RC
filter to the V+ pin of the TMP102 device can further reduce any noise that the TMP102 device might propagate
to other components. R(F) in Figure 15 must be less than 5 kΩ and C(F) must be greater than 10 nF.
Figure 15. Noise Reduction Techniques
8.2.3 Application Curve
Figure 16 shows the step response of the TMP102 device to a submersion in an oil bath of 100ºC from room
temperature (27ºC). The time-constant, or the time for the output to reach 63% of the input step, is 0.8 s. The
time-constant result depends on the printed circuit board (PCB) that the TMP102 device is mounted. For this test,
the TMP102 device was soldered to a two-layer PCB that measured 0.375 inch × 0.437 inch.
space
Figure 16. Temperature Step Response
Copyright © 2007–2015, Texas Instruments Incorporated
Submit Documentation Feedback
21
Product Folder Links: TMP102



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com