Electronic Components Datasheet Search
  English  ▼

X  

XC164CS Datasheet(PDF) 50 Page - Infineon Technologies AG

Part # XC164CS
Description  16-Bit Single-Chip Microcontroller
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

XC164CS Datasheet(HTML) 50 Page - Infineon Technologies AG

Back Button XC164CS Datasheet HTML 46Page - Infineon Technologies AG XC164CS Datasheet HTML 47Page - Infineon Technologies AG XC164CS Datasheet HTML 48Page - Infineon Technologies AG XC164CS Datasheet HTML 49Page - Infineon Technologies AG XC164CS Datasheet HTML 50Page - Infineon Technologies AG XC164CS Datasheet HTML 51Page - Infineon Technologies AG XC164CS Datasheet HTML 52Page - Infineon Technologies AG XC164CS Datasheet HTML 53Page - Infineon Technologies AG XC164CS Datasheet HTML 54Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 71 page
background image
XC164
Derivatives
Electrical Parameters
Data Sheet
46
V2.1, 2003-06
4.4
Parameter Interpretation
The parameters listed in the following partly represent the characteristics of the XC164
and partly its demands on the system. To aid in interpreting the parameters right, when
evaluating them for a design, they are marked in column “Symbol”:
CC (Controller Characteristics):
The logic of the XC164 will provide signals with the respective characteristics.
SR (System Requirement):
The external system must provide signals with the respective characteristics to the
XC164.
4)
Overload conditions occur if the standard operating conditions are exceeded, i.e. the voltage on any pin
exceeds the specified range:
VOV > VDDP + 0.5 V (IOV >0) or VOV < VSS - 0.5 V (IOV < 0). The absolute sum
of input overload currents on all pins may not exceed 50 mA. The supply voltages must remain within the
specified limits.
Proper operation is not guaranteed if overload conditions occur on functional pins such as XTAL1, RD, WR,
etc.
5)
Not 100% tested, guaranteed by design and characterization.
6)
An overload current (
IOV) through a pin injects a certain error current (IINJ) into the adjacent pins. This error
current adds to the respective pin’s leakage current (
IOZ). The amount of error current depends on the overload
current and is defined by the overload coupling factor
KOV. The polarity of the injected error current is inverse
compared to the polarity of the overload current that produces it.
The total current through a pin is |
ITOT| = |IOZ| + (|IOV| × KOV). The additional error current may distort the input
voltage on analog inputs.
7)
The timing is valid for pin drivers operating in default current mode (selected after reset). Reducing the output
current may lead to increased delays or reduced driving capability (
CL).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com