Electronic Components Datasheet Search
  English  ▼

X  

XC164CS Datasheet(PDF) 58 Page - Infineon Technologies AG

Part # XC164CS
Description  16-Bit Single-Chip Microcontroller
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

XC164CS Datasheet(HTML) 58 Page - Infineon Technologies AG

Back Button XC164CS Datasheet HTML 54Page - Infineon Technologies AG XC164CS Datasheet HTML 55Page - Infineon Technologies AG XC164CS Datasheet HTML 56Page - Infineon Technologies AG XC164CS Datasheet HTML 57Page - Infineon Technologies AG XC164CS Datasheet HTML 58Page - Infineon Technologies AG XC164CS Datasheet HTML 59Page - Infineon Technologies AG XC164CS Datasheet HTML 60Page - Infineon Technologies AG XC164CS Datasheet HTML 61Page - Infineon Technologies AG XC164CS Datasheet HTML 62Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 71 page
background image
XC164
Derivatives
Electrical Parameters
Data Sheet
54
V2.1, 2003-06
Figure 14
Equivalent Circuitry for Analog Inputs
1)
TUE is tested at
VAREF = VDDP +0.1 V, VAGND = 0 V. It is guaranteed by design for all other voltages within
the defined voltage range.
If the analog reference supply voltage drops below 4.5 V (i.e.
VAREF ≥ 4.0 V) or exceeds the power supply
voltage by up to 0.2 V (i.e.
VAREF = VDDP + 0.2 V) the maximum TUE is increased to ±3 LSB. This range is not
100% tested.
The specified TUE is guaranteed only, if the absolute sum of input overload currents on Port 5 pins (see
IOV
specification) does not exceed 10 mA, and if
VAREF and VAGND remain stable during the respective period of
time. During the reset calibration sequence the maximum TUE may be
±4 LSB.
2)
VAIN may exceed VAGND or VAREF up to the absolute maximum ratings. However, the conversion result in
these cases will be X000H or X3FFH, respectively.
3)
The limit values for
fBC must not be exceeded when selecting the peripheral frequency and the ADCTC setting.
4)
This parameter includes the sample time
tS, the time for determining the digital result and the time to load the
result register with the conversion result (
tSYS = 1 / fSYS).
Values for the basic clock
tBC depend on programming and can be taken from Table 14.
When the post-calibration is switched off, the conversion time is reduced by 12 x
tBC
5)
The actual duration of the reset calibration depends on the noise on the reference signal. Conversions
executed during the reset calibration increase the calibration time. The TUE for those conversions may be
increased.
6)
Not 100% tested, guaranteed by design and characterization.
The given parameter values cover the complete operating range. Under relaxed operating conditions
(temperature, supply voltage) reduced values can be used for calculations. At room temperature and nominal
supply voltage the following typical values can be used:
CAINTtyp = 12 pF, CAINStyp = 7 pF, RAINtyp = 1.5 kΩ, CAREFTtyp = 15 pF, CAREFStyp = 13 pF, RAREFtyp = 0.7 kΩ.
m cs 0 4879_p.vsd
R
So urc e
=
V
AIN
C
Ext
R
AIN , O n
C
AIN T - C AIN S
C
AIN S
A /D C onverte r



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com