Electronic Components Datasheet Search
  English  ▼

X  

XC164CS Datasheet(PDF) 66 Page - Infineon Technologies AG

Part # XC164CS
Description  16-Bit Single-Chip Microcontroller
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

XC164CS Datasheet(HTML) 66 Page - Infineon Technologies AG

Back Button XC164CS Datasheet HTML 62Page - Infineon Technologies AG XC164CS Datasheet HTML 63Page - Infineon Technologies AG XC164CS Datasheet HTML 64Page - Infineon Technologies AG XC164CS Datasheet HTML 65Page - Infineon Technologies AG XC164CS Datasheet HTML 66Page - Infineon Technologies AG XC164CS Datasheet HTML 67Page - Infineon Technologies AG XC164CS Datasheet HTML 68Page - Infineon Technologies AG XC164CS Datasheet HTML 69Page - Infineon Technologies AG XC164CS Datasheet HTML 70Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 71 page
background image
XC164
Derivatives
Timing Parameters
Data Sheet
62
V2.1, 2003-06
Variable Memory Cycles
External bus cycles of the XC164 are executed in five subsequent cycle phases (AB, C,
D, E, F). The duration of each cycle phase is programmable (via the TCONCSx
registers) to adapt the external bus cycles to the respective external module (memory,
peripheral, etc.).
This table provides a summary of the phases and the respective choices for their
duration.
Note: The bandwidth of a parameter (minimum and maximum value) covers the whole
operating range (temperature, voltage) as well as process variations. Within a
given device, however, this bandwidth is smaller than the specified range. This is
also due to interdependencies between certain parameters. Some of these
interdependencies are described in additional notes (see standard timing).
Table 18
Programmable Bus Cycle Phases (see timing diagrams)
Bus Cycle Phase
Parameter
Valid Values Unit
Address setup phase, the standard duration of this
phase (1
…2 TCP) can be extended by 0 …3 TCP if
the address window is changed
tpAB
1
…2 (5)
TCP
Command delay phase
tpC
0
…3
TCP
Write Data setup / MUX Tristate phase
tpD
0
…1
TCP
Access phase
tpE
1
…32
TCP
Address / Write Data hold phase
tpF
0
…3
TCP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com