Electronic Components Datasheet Search
  English  ▼

X  

AL1697 Datasheet(PDF) 6 Page - Diodes Incorporated

Part # AL1697
Description  High PF, Offline Dimmable LED Driver with Internal High-Voltage MOSFET
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AL1697 Datasheet(HTML) 6 Page - Diodes Incorporated

Back Button AL1697 Datasheet HTML 2Page - Diodes Incorporated AL1697 Datasheet HTML 3Page - Diodes Incorporated AL1697 Datasheet HTML 4Page - Diodes Incorporated AL1697 Datasheet HTML 5Page - Diodes Incorporated AL1697 Datasheet HTML 6Page - Diodes Incorporated AL1697 Datasheet HTML 7Page - Diodes Incorporated AL1697 Datasheet HTML 8Page - Diodes Incorporated AL1697 Datasheet HTML 9Page - Diodes Incorporated AL1697 Datasheet HTML 10Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
AL1697
Document number: DS38223 Rev. 3 - 2
6 of 13
www.diodes.com
January 2016
© Diodes Incorporated
AL1697
Functional Description and Application Information
Convertor Operation
The AL1697 is a single stage, single winding, high efficiency, and high power factor LED driver converter for dimmable LED lamp applications. It is
available in two internal High-Voltage MOSFET options for
4Ω and 1.8Ω with Super-Junction which reduce the overall LED driver solution size of
the LED lamp. Two different MOSFET options are targeted at optimizing the solutions of different LED chain lengths and powers.
High power factor (PF) is achieved using constant on-time mode; coupled with simple closed loop of constant current control the AL1697 achieves
good line and load regulation. The AL1697 adopts source-driver technique to decrease the system operating current. It uses a novel method to
detect the tOFF time which results in the removal for the need of an auxiliary winding for (VCC supply and) detecting the tOFF time, which enables the
AL1697 to have an extremely low bill material (BOM) solution. The AL1697 operates at boundary conduction mode (BCM) which can ease EMI
design.
+
RT
GND
C5
R1
AC
Input
FR1
DB1
C1
COMP
R3
VCC
D
C4
D1
L2
R7
R6
R5
C2
C3
D2
R4
R2
L1
3
5
4
7
1
2
C6
FB
R8
R9
6
CS
LEDS
Figure 1. Typical Application Circuit
Start-up and Supply Voltage
Before start-up, the VCC capacitor C4 is charged by the startup resistors (R2, R3) from the high voltage mains. When the start-up voltage is
reached, the AL1697 starts switching. During normal operation, the VCC supply is provided by start-up resisters (R2, R3) and the output voltage
(VOUT) rectified by one diode (D2). In this way the system can provide VCC supply at low dimming angle.
The AL1697 has an internal VCC clamp voltage (typical 15.5V), which is limited by one internal active Zener diode.
When VCC voltage drops to below the VOPR(Min), switching is stop. So the device can operate normally when the voltage on VCC pin is between
VOPR(MIN) and VCC clamp voltage.
Protections
Under Voltage Lockout (UVLO)
When the voltage on the VCC pin drops to below VOPR(MIN), the IC stops switching. The IC can restart when the voltage on VCC exceeds the
startup voltage (VTH(ST)).
Leading-Edge Blanking (LEB)
To prevent false detection of the peak current of the inductor, a blanking time following switch-on is designed. When the internal switch turns on, a
short current spike can occur because of the capacitive discharge of the voltage over the drain and source. It is disregarded during the LEB time
(tON_MIN).
Cycle-by-cycle Over Current Protection (OCP)
The AL1697 has a built-in peak current detector. It triggers when the voltage on CS pin reaches the peak level VCS_CLAMP. The R5 is connected to
the CS pin to sense the current of the inductor. The maximum peak current (IPEAK(MAX))of the inductor can be calculated as below:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com