Electronic Components Datasheet Search
  English  ▼

X  

AL1697 Datasheet(PDF) 10 Page - Diodes Incorporated

Part # AL1697
Description  High PF, Offline Dimmable LED Driver with Internal High-Voltage MOSFET
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AL1697 Datasheet(HTML) 10 Page - Diodes Incorporated

Back Button AL1697 Datasheet HTML 5Page - Diodes Incorporated AL1697 Datasheet HTML 6Page - Diodes Incorporated AL1697 Datasheet HTML 7Page - Diodes Incorporated AL1697 Datasheet HTML 8Page - Diodes Incorporated AL1697 Datasheet HTML 9Page - Diodes Incorporated AL1697 Datasheet HTML 10Page - Diodes Incorporated AL1697 Datasheet HTML 11Page - Diodes Incorporated AL1697 Datasheet HTML 12Page - Diodes Incorporated AL1697 Datasheet HTML 13Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
AL1697
Document number: DS38223 Rev. 3 - 2
10 of 13
www.diodes.com
January 2016
© Diodes Incorporated
AL1697
Functional Description and Application information (Cont.)
The passive bleeder includes a capacitor (C2, in hundreds of nF) to provide latching current. A resistor (R1) is necessary to dampen the current
spike. Because a large C2 will affect the PF, THD and efficiency, the value of the capacitor (C2) should be selected accordingly. Generally,
100nF/400V to 330nF/400V is recommended. R1 is used to limit the latching current, If R1 is too large, the latching current is not enough and the
TRIAC dimmer will misfire causing LED flicker. If R1 is too small, it will result in greater power dissipation. Generally speaking
, a 200Ω to 2KΩ
resistor is selected for R1.
Passive Damping Design
FR1 is the damper for reducing the spike current caused by quick charging of C2 at firing. In General, FR1
is selected from 20Ω to 100Ω for low
line like 120VAC application, and 51Ω to 200Ω for high line like 230VAC application.
Ordering Information
Part Number
Package Code
Package
13
” Tape and Reel
Quantity
Part Number Suffix
AL1697-20CS7-13
S7
SO-7
4000/Tape & Reel
-13
AL1697-40DS7-13
S7
SO-7
4000/Tape & Reel
-13
Marking Information
(1)
SO-7
1697 - ZZZ
(Top View)
YY WW X X
Part Number
1697-20C for 2.0A/600V
1697-40D for 4.0A/700V
Logo
WW : Week : 01~52; 52
YY : Year : 15,16,17 ~
X X : Internal Code
7
6
5
1
2
3
4
represents 52 and 53 week
20 : 2.0A
40: 4.0A
AL1697–XX X XX–13
MOSFET Voltage
Current Option
C: 600V
D: 650V
S7 : SO-7
Package
Packing
13 :13" Tape & Reel
1697-20C for 2.0A/600V
1697-40D for 4.0A/650V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com