Electronic Components Datasheet Search
  English  ▼

X  

AL1697 Datasheet(PDF) 1 Page - Diodes Incorporated

Part # AL1697
Description  High PF, Offline Dimmable LED Driver with Internal High-Voltage MOSFET
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AL1697 Datasheet(HTML) 1 Page - Diodes Incorporated

  AL1697 Datasheet HTML 1Page - Diodes Incorporated AL1697 Datasheet HTML 2Page - Diodes Incorporated AL1697 Datasheet HTML 3Page - Diodes Incorporated AL1697 Datasheet HTML 4Page - Diodes Incorporated AL1697 Datasheet HTML 5Page - Diodes Incorporated AL1697 Datasheet HTML 6Page - Diodes Incorporated AL1697 Datasheet HTML 7Page - Diodes Incorporated AL1697 Datasheet HTML 8Page - Diodes Incorporated AL1697 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
AL1697
Document number: DS38223 Rev. 3 - 2
1 of 13
www.diodes.com
January 2016
© Diodes Incorporated
AL1697
High PF, Offline Dimmable LED Driver with Internal High-Voltage MOSFET
Description
The AL1697 is a high performance, high power factor, high efficiency
and high precision buck-boost LED driver for mains dimmable LED
lamp applications. The AL1697 topology provides an accurate output
current over wide line and load regulation. The wide switching
frequency operates at boundary conduction mode (BCM) to ease
EMI/EMC design, and testing to meet the latest regulatory standards.
The AL1697 with built in MOSFET solution reduces the bill of material
(BOM) cost by eliminating the need of auxiliary winding and an
external high voltage MOSFET. The AL1697 has extensive protection
features to enhance system safety and reliability. The AL1697 starts
reducing output current when the driver
’s temperature is higher than
the built-in thermal foldback protection trigger point.
The AL1697 applies to a wide range of dimmers including leading
edge and trailing edge dimmer. Some can achieve deep dimming
down to 1%. The AL1697 dimming curve is compliant with the NEMA
SSL6 standard.
The AL1697 is available in SO-7 package, which provides an extra
pin
spacing between the high voltage MOSFET’s drain and low
voltage pins to increase electricity isolation.
Features
Two Internal High-Voltage MOSFET Options:
RDSON 4Ω and 1.8Ω for Super-Junction
Tight Current Sense Tolerance : ±3%
Low Startup Current: 130µA
Low Operation Current: 170µA (Switching Frequency at 4kHz)
Single Winding Inductor
Wide Range of Dimmer Compatibility
NEMA SSL6 Dimming Curve Compliant
Internal Protections
Under Voltage Lockout (UVLO)
Leading-Edge Blanking (LEB)
Cycle-by-cycle Over Current Protection (OCP)
Output Open/Short Protection (OVP/OSP)
Thermal Foldback Protection (TFP)
Over-Temperature Protection (OTP)
SO-7 Package
Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
Halogen and Antimony Free. “Green” Device (Note 3)
Pin Assignments
(Top View)
1
2
3
4
7
6
5
GND
COMP
RT
VCC
CS
D
FB
SO-7
Applications
Mains Dimmable LED Lamps
Offline LED Power Supply Driver
Notes:
1. No purposely added lead. Fully EU Directive 2002/95/EC (RoHS) & 2011/65/EU (RoHS 2) compliant.
2. See http://www.diodes.com/quality/lead_free.html for more information about Diodes Incorporated’s definitions of Halogen- and Antimony-free, "Green"
and Lead-free.
3. Halogen- and Antimony-
free "Green” products are defined as those which contain <900ppm bromine, <900ppm chlorine (<1500ppm total Br + Cl) and
<1000ppm antimony compounds.


Similar Part No. - AL1697

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AL1697 DIODES-AL1697 Datasheet
324Kb / 13P
HIGH PF, OFFLINE DIMMABLE LED DRIVER WITH INTERNAL HIGH-VOLTAGE MOSFET
Rev 6
AL1697-20CS7-13 DIODES-AL1697-20CS7-13 Datasheet
324Kb / 13P
HIGH PF, OFFLINE DIMMABLE LED DRIVER WITH INTERNAL HIGH-VOLTAGE MOSFET
Rev 6
AL1697-30BAS7-13 DIODES-AL1697-30BAS7-13 Datasheet
324Kb / 13P
HIGH PF, OFFLINE DIMMABLE LED DRIVER WITH INTERNAL HIGH-VOLTAGE MOSFET
Rev 6
AL1697-40DS7-13 DIODES-AL1697-40DS7-13 Datasheet
324Kb / 13P
HIGH PF, OFFLINE DIMMABLE LED DRIVER WITH INTERNAL HIGH-VOLTAGE MOSFET
Rev 6
AL1697 DIODES-AL1697_17 Datasheet
324Kb / 13P
HIGH PF, OFFLINE DIMMABLE LED DRIVER WITH INTERNAL HIGH-VOLTAGE MOSFET
Rev 6
More results

Similar Description - AL1697

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM3445 NSC-LM3445 Datasheet
1Mb / 26P
Triac Dimmable Offline LED Driver
logo
Texas Instruments
LM3445MM TI-LM3445MM Datasheet
1Mb / 39P
Triac Dimmable Offline LED Driver
logo
Diodes Incorporated
AP1694 DIODES-AP1694 Datasheet
367Kb / 9P
OFFLINE, HIGH PF, HIGH EFFICIENCY DIMMABLE LED DRIVER CONTROLLER
Rev 2
AP1694A DIODES-AP1694A Datasheet
474Kb / 15P
OFFLINE, HIGH PF, HIGH EFFICIENCY DIMMABLE LED DRIVER CONTROLLER
Rev 1
AP1694AS DIODES-AP1694AS Datasheet
487Kb / 14P
OFFLINE, HIGH PF, HIGH EFFICIENCY DIMMABLE LED DRIVER CONTROLLER
Rev 1
AP1695 DIODES-AP1695 Datasheet
442Kb / 15P
OFFLINE, HIGH PF, HIGH EFFICIENCY DIMMABLE LED DRIVER IC
Rev 1
logo
Texas Instruments
LM3445 TI1-LM3445_15 Datasheet
1Mb / 42P
TRIAC Dimmable Offline LED Driver
logo
Diodes Incorporated
AP1695-20C DIODES-AP1695-20C Datasheet
423Kb / 15P
OFFLINE, HIGH PF, HIGH EFFICIENCY DIMMABLE LED DRIVER IC
Rev 1
AL1697 DIODES-AL1697_17 Datasheet
324Kb / 13P
HIGH PF, OFFLINE DIMMABLE LED DRIVER WITH INTERNAL HIGH-VOLTAGE MOSFET
Rev 6
AL5892 DIODES-AL5892 Datasheet
657Kb / 11P
OFFLINE DIMMABLE LINEAR LED DRIVER
Rev. 1 - 2 October 2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com