Electronic Components Datasheet Search
  English  ▼

X  

AL6562 Datasheet(PDF) 7 Page - Diodes Incorporated

Part # AL6562
Description  Transition Mode PFC LED Controller
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AL6562 Datasheet(HTML) 7 Page - Diodes Incorporated

Back Button AL6562 Datasheet HTML 3Page - Diodes Incorporated AL6562 Datasheet HTML 4Page - Diodes Incorporated AL6562 Datasheet HTML 5Page - Diodes Incorporated AL6562 Datasheet HTML 6Page - Diodes Incorporated AL6562 Datasheet HTML 7Page - Diodes Incorporated AL6562 Datasheet HTML 8Page - Diodes Incorporated AL6562 Datasheet HTML 9Page - Diodes Incorporated AL6562 Datasheet HTML 10Page - Diodes Incorporated AL6562 Datasheet HTML 11Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
AL6562
Document Number: DS37542 Rev. 2 - 2
7 of 16
www.diodes.com
February 2015
© Diodes Incorporated
AL6562
Performance Characteristics (cont.)
Delay-to-output vs.TJ
E/A Output Clamp Levels Vs. TJ
VCS-CLAMP vs.TJ
Multiplied Gain Vs. TJ
ZCD Source Capability vs.TJ
ZCD Clamp Levels Vs. TJ
-50
0
50
100
150
0
100
200
300
400
500
Junction Temperature (
oC)
V
CC
=12V
-50
0
50
100
150
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
6.0
V
CC
=12V
Junction Temperature (
oC)
Lower Clamp
Upper Clamp
-50
0
50
100
150
1.0
1.2
1.4
1.6
1.8
2.0
Junction Temperature (
oC)
V
CC
=12V
V
COMP
=Upper Clamp
-50
0
50
100
150
0.0
0.2
0.4
0.6
0.8
1.0
Junction Temperature (
oC)
V
CC
=12V
V
COMP
=4V
V
MULT
=1V
-50
0
50
100
150
-8
-6
-4
-2
0
Junction Temperature (
oC)
V
CC
=12V
V
ZCD
=Lower Clamp
-50
0
50
100
150
0
1
2
3
4
5
6
7
Lower Clamp
Junction Temperature (
oC)
V
CC
=12V
I
ZCD
= + 2.5mA
Upper Clamp



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com