Electronic Components Datasheet Search
  English  ▼

X  

AL6562 Datasheet(PDF) 10 Page - Diodes Incorporated

Part # AL6562
Description  Transition Mode PFC LED Controller
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AL6562 Datasheet(HTML) 10 Page - Diodes Incorporated

Back Button AL6562 Datasheet HTML 6Page - Diodes Incorporated AL6562 Datasheet HTML 7Page - Diodes Incorporated AL6562 Datasheet HTML 8Page - Diodes Incorporated AL6562 Datasheet HTML 9Page - Diodes Incorporated AL6562 Datasheet HTML 10Page - Diodes Incorporated AL6562 Datasheet HTML 11Page - Diodes Incorporated AL6562 Datasheet HTML 12Page - Diodes Incorporated AL6562 Datasheet HTML 13Page - Diodes Incorporated AL6562 Datasheet HTML 14Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
AL6562
Document Number: DS37542 Rev. 2 - 2
10 of 16
www.diodes.com
February 2015
© Diodes Incorporated
AL6562
Application Information (cont.)
, the distortion can further be defined by:
Where
and
are the RMS (Root Mean Square) value n-th fundamental component of the current respectively. If the current and
voltage are in phase, then θ= 0, which will lead to
θ
and the PF will be simplified as:
ZCD (Zero Current Detection)
The ZCD feature detects when the transformer primary current falls to zero, as the voltage across the inductor reverses, to initiate a new cycle
that switches on the power MOSFET. The signal for ZCD is obtained by an auxiliary winding on the boost inductor, as shown in Figure 2.
Multiplier
The internal multiplier takes two inputs, one from a portion of the instantaneous rectified line voltage (via pin 3, MULT) and the other from the
output of the E/A (via pin 2, COMP), to feed the PWM comparator to determine the exact instant when the MOSFET is to be switched off. The
output of multiplier is a rectified sinusoid, similar to the instantaneous rectified line voltage, multiplied by the scaling factor determined by
output of the Error Amplifier. The MULT output is then fed into the PWM comparator and is compared to the current sense voltage VCS, to
switch the Power MOSFET off. The formula governing all parameters is given by:
Multiplier Output:
Where: k is the multiplier gain. VMULT is set by external resistors R1 and R2.
OVP (Output Overvoltage Protection)
The output voltage can be kept constant by the operation of the PFC circuit close to its nominal value, as shown by Figure 2, which is set by
the ratio of the two external resistors R3 and R4. Neglecting ripple current, current flowing through R3, IR3, will equal the current through R4,
IR4. As the non-inverting input of the error amplifier is biased inside the AL6562 at 2.5V, the current through R4 is:
(1)
If any abrupt change of output voltage, ΔVO > 0 occurs due to a load drop, the voltage at pin INV will be kept at 2.5V by the local feedback of
the EA. The network connected between INV and COMP introduces a time constant to achieve high PF. The current through R4 will remain
equal to 2.5/R4, but IR3 will become:
(2)
The difference current
will flow through the compensation network and enter the error amplifier output via pin
COMP. The AL6562 monitors the current flowing into the error amplifier output pin. When the detected current is higher than 40µA, the
dynamic OVP is triggered. The IC will be disabled and the driver signal will be stopped.
The output ΔVo that is able to trigger the Dynamic OVP function is then:
(3)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com