Electronic Components Datasheet Search
  English  ▼

X  

AL6562 Datasheet(PDF) 2 Page - Diodes Incorporated

Part # AL6562
Description  Transition Mode PFC LED Controller
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AL6562 Datasheet(HTML) 2 Page - Diodes Incorporated

  AL6562 Datasheet HTML 1Page - Diodes Incorporated AL6562 Datasheet HTML 2Page - Diodes Incorporated AL6562 Datasheet HTML 3Page - Diodes Incorporated AL6562 Datasheet HTML 4Page - Diodes Incorporated AL6562 Datasheet HTML 5Page - Diodes Incorporated AL6562 Datasheet HTML 6Page - Diodes Incorporated AL6562 Datasheet HTML 7Page - Diodes Incorporated AL6562 Datasheet HTML 8Page - Diodes Incorporated AL6562 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
AL6562
Document Number: DS37542 Rev. 2 - 2
2 of 16
www.diodes.com
February 2015
© Diodes Incorporated
AL6562
Pin Descriptions
Pin Number
Pin Name
Brief Description
1
INV
Inverting Input Pin of the Internal Error Amplifier
This pin is connected externally via a resistor divider from the regulated output voltage. It can provide
input to inverting input of internal error amplifier. This pin can also be used as ENABLE/DISABLE
control input.
2
COMP
Output from Error Amplifier
A feedback compensation network consisting of resistor and capacitor connects between INV (Pin1)
and this pin to reduce the bandwidth and achieve stability of the voltage control loop and ensure high
power factor and low THD.
3
MULT
Input to the Internal Multiplier
This pin connects to the rectified mains voltage through external resistor divider to provide a sinusoidal
voltage reference for the control current loop.
4
CS
Current Sense Connecting to External Resistor for Current Feedback
The current flowing in the MOSFET is sensed through a resistor, the resulting voltage is applied to this
pin and compared with an internal sinusoidal-shaped reference generated by the multiplier to determine
MOSFET’s turn-off. This pin has an internal Leading-Edge-Blanking of about 200 nanoseconds to
improve noise immunity.
5
ZCD
Zero Current Detection
This pin takes input from inductor
’s demagnetization sensing to achieve zero current detection, required
for Transition Mode (TM) operation. A negative-going edge triggers turn-on of MOSFET.
6
GND
System Ground
Ground for circuit. Current return for both the signal circuitry and the gate drive stage.
7
GD
Gate Driver Output
This pin is able to drive external MOSFET. The totem-pole output stage is able to drive MOSFET with a
peak current of 600mA/800mA for source and sink capability respectively. The high level voltage of this
pin is internally clamped at about 12V to avoid excessive gate voltage in case VCC pin is supplied by a
higher voltage.
8
VCC
System Power Input Pin
This pin is for supply voltage of both the signal part and gate driver of the IC. Upper limit is extended to
a maximum of 22V to provide more headroom for supply voltage changes. This pin has an internal 25V
Zener to protect the IC itself from overvoltage transients.
Functional Block Diagram
GD
GND
ZCD
INV
VCC
Multiplier
Overvoltage
Detection
Voltage
Regulat ion
St arter
Driver
R
S
Q
Internal
Supply 7.5V
2.1V
1.6V
Vref
R1
R2
COMP
MULT
CS
Zero Current
Detector
1
8
5
6
7
4
3
2
VCC
UVLO
40K
10 pF
24V
INV_Disable
INV_Disable
0.47 V/0.3V
ZCD_Disable
Upper &
Lower
Clamp
1.7
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com