Electronic Components Datasheet Search
  English  ▼

X  

AL6562 Datasheet(PDF) 8 Page - Diodes Incorporated

Part # AL6562
Description  Transition Mode PFC LED Controller
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AL6562 Datasheet(HTML) 8 Page - Diodes Incorporated

Back Button AL6562 Datasheet HTML 4Page - Diodes Incorporated AL6562 Datasheet HTML 5Page - Diodes Incorporated AL6562 Datasheet HTML 6Page - Diodes Incorporated AL6562 Datasheet HTML 7Page - Diodes Incorporated AL6562 Datasheet HTML 8Page - Diodes Incorporated AL6562 Datasheet HTML 9Page - Diodes Incorporated AL6562 Datasheet HTML 10Page - Diodes Incorporated AL6562 Datasheet HTML 11Page - Diodes Incorporated AL6562 Datasheet HTML 12Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
AL6562
Document Number: DS37542 Rev. 2 - 2
8 of 16
www.diodes.com
February 2015
© Diodes Incorporated
AL6562
Performance Characteristics (cont.)
Start-up Timer vs.TJ
Multiplier Characteristics
Gate-driver Output Low Saturation
Gate-driver Output High Saturation
Gate-driver Clamp vs. TJ
UVLO Saturation vs. TJ
-50
0
50
100
150
120
130
140
150
160
170
180
190
200
Junction Temperature (
oC)
V
CC
=12V
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
V
COMP
=MAX
V
COMP
=5.0
V
COMP
=4.5
V
COMP
=4.0
V
COMP
=3.5
V
COMP
=3.2
V
COMP
=3.0
V
COMP
=2.8
V
MULT
(V)
V
COMP
=2.6
0
200
400
600
800
1000
0
1
2
3
4
5
6
I
GD
(mA)
T
J
=25
oC
V
CC
=11V
SINK
0
100
200
300
400
500
600
700
V
GD
(V)
V
CC
-4.0
V
CC
-3.5
V
CC
-3.0
V
CC
-2.5
I
GD
(mA)
T
J
=25
oC
V
CC
=11V
SOURCE
V
CC
-2.0
-50
0
50
100
150
10
11
12
13
14
15
Junction Temperature (
oC)
V
CC
=20V
-50
0
50
100
150
0.5
0.6
0.7
0.8
0.9
1.0
1.1
Junction Temperature (
oC)
V
CC
=0V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com