Electronic Components Datasheet Search
  English  ▼

X  

AP3403 Datasheet(PDF) 5 Page - Diodes Incorporated

Part # AP3403
Description  600mA STEP-DOWN DC/DC CONVERTER WITH SYNCHRONOUS RECTIFIER
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP3403 Datasheet(HTML) 5 Page - Diodes Incorporated

  AP3403 Datasheet HTML 1Page - Diodes Incorporated AP3403 Datasheet HTML 2Page - Diodes Incorporated AP3403 Datasheet HTML 3Page - Diodes Incorporated AP3403 Datasheet HTML 4Page - Diodes Incorporated AP3403 Datasheet HTML 5Page - Diodes Incorporated AP3403 Datasheet HTML 6Page - Diodes Incorporated AP3403 Datasheet HTML 7Page - Diodes Incorporated AP3403 Datasheet HTML 8Page - Diodes Incorporated AP3403 Datasheet HTML 9Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
AP3403
Document number: DS36839 Rev. 3 - 2
5 of 9
www.diodes.com
May 2015
© Diodes Incorporated
AP3403
A Product Line of
Diodes Incorporated
Performance Characteristics (TA = +25ºC, VIN = 3.6V, VOUT = 1.8V, unless otherwise specified.)
Efficiency vs. Output Current
Output Voltage vs. Output Current
Supply Current vs. Input Voltage
Feedback Voltage vs. Temperature
PMOS RDSON vs. Temperature
NMOS RDSON vs. Temperature
-50
0
50
100 150 200 250 300 350 400 450 500 550 600 650
0
10
20
30
40
50
60
70
80
90
100
Output Current (mA)
V
OUT
= 1.8V
0
100
200
300
400
500
600
1.775
1.780
1.785
1.790
1.795
1.800
1.805
1.810
1.815
Output Current (mA)
V
IN
= 3.6V
-40
-20
0
20
40
60
80
100
120
140
0.50
0.52
0.54
0.56
0.58
0.60
0.62
0.64
0.66
0.68
Temperature (
oC)
V
IN
= 3.6V, Test Mode
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
6.0
30
32
34
36
38
40
42
44
46
48
50
Input Voltage (V)
V
OUT
= 1.8V, I
OUT
= 0A
-60
-40
-20
0
20
40
60
80
100
120
140
240
260
280
300
320
340
360
380
400
420
440
Temperature (
OC)
I
SW
= 100mA
-60
-40
-20
0
20
40
60
80
100
120
140
180
200
220
240
260
280
300
320
340
360
Temperature (
OC)
I
SW
= 100mA



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com